Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9131 Datasheet(PDF) 34 Page - Dialog Semiconductor

Part # DA9131
Description  High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9131 Datasheet(HTML) 34 Page - Dialog Semiconductor

Back Button DA9131 Datasheet HTML 30Page - Dialog Semiconductor DA9131 Datasheet HTML 31Page - Dialog Semiconductor DA9131 Datasheet HTML 32Page - Dialog Semiconductor DA9131 Datasheet HTML 33Page - Dialog Semiconductor DA9131 Datasheet HTML 34Page - Dialog Semiconductor DA9131 Datasheet HTML 35Page - Dialog Semiconductor DA9131 Datasheet HTML 36Page - Dialog Semiconductor DA9131 Datasheet HTML 37Page - Dialog Semiconductor DA9131 Datasheet HTML 38Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
DA9131
High-Performance, Dual-Channel DC-DC Converter for
Mobile and Portable Applications
Datasheet
Revision 2.0
11-Aug-2021
CFR0011-120-00
34 of 56
© 2021 Dialog Semiconductor
Bit
Symbol
Description
[3]
E_PG1
PG1 caused event. Write 1 to clear this bit after the event source has been
released.
[2]
E_OV1
OV1 caused event. Write 1 to clear this bit after the event source has been
released.
[1]
E_UV1
UV1 caused event. Write 1 to clear this bit after the event source has been
released.
[0]
E_OC1
OC1 caused event. Write 1 to clear this bit after the event source has been
released.
Table 25: SYS_EVENT_2 (0x0006)
Bit
Symbol
Description
[2]
E_GPIO2
GPIO2 event. Write 1 to clear this bit after the event source has been
released.
[1]
E_GPIO1
GPIO1 event. Write 1 to clear this bit after the event source has been
released.
[0]
E_GPIO0
GPIO0 event. Write 1 to clear this bit after the event source has been
released.
Table 26: SYS_MASK_0 (0x0007)
Bit
Symbol
Description
[2]
M_SG
SG IRQ mask
[1]
M_TEMP_CRIT
TEMP_CRIT IRQ mask
[0]
M_TEMP_WARN
TEMP_WARN IRQ mask
Table 27: SYS_MASK_1 (0x0008)
Bit
Symbol
Description
[7]
M_PG2
PG2 event IRQ mask
[6]
M_OV2
OV2 event IRQ mask
[5]
M_UV2
UV2 event IRQ mask
[4]
M_OC2
OC2 event IRQ mask
[3]
M_PG1
PG1 event IRQ mask
[2]
M_OV1
OV1 event IRQ mask
[1]
M_UV1
UV1 event IRQ mask
[0]
M_OC1
OC1 event IRQ mask
Table 28: SYS_MASK_2 (0x0009)
Bit
Symbol
Description
[2]
M_GPIO2
GPIO2 IRQ mask
[1]
M_GPIO1
GPIO1 IRQ mask
[0]
M_GPIO0
GPIO0 IRQ mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com