Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9131 Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # DA9131
Description  High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9131 Datasheet(HTML) 1 Page - Dialog Semiconductor

  DA9131 Datasheet HTML 1Page - Dialog Semiconductor DA9131 Datasheet HTML 2Page - Dialog Semiconductor DA9131 Datasheet HTML 3Page - Dialog Semiconductor DA9131 Datasheet HTML 4Page - Dialog Semiconductor DA9131 Datasheet HTML 5Page - Dialog Semiconductor DA9131 Datasheet HTML 6Page - Dialog Semiconductor DA9131 Datasheet HTML 7Page - Dialog Semiconductor DA9131 Datasheet HTML 8Page - Dialog Semiconductor DA9131 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
DA9131
High-Performance, Dual-Channel DC-DC Converter for
Mobile and Portable Applications
Datasheet
Revision 2.0
11-Aug-2021
CFR0011-120-00
1 of 56
© 2021 Dialog Semiconductor
General Description
DA9131 is a power management IC (PMIC) suitable for supplying CPUs, GPUs, DDR memory rails
in single in-line pin package (SIPP) modules, mobile, portable and consumer applications.
DA9131 integrates two single-phase buck converters, each phase requiring a small external 0.22 µH
inductor. Each buck is capable of delivering up to 5 A output current at a 0.3 V to 1.9 V output
voltage range. The 2.8 V to 5.5 V input voltage range is suitable for a wide variety of low-voltage
systems.
With remote sensing, the DA9131 guarantees the highest accuracy and supports multiple PCB
routing scenarios without loss of performance.
The pass devices are fully integrated, so no external FETs or Schottky diodes are needed.
A programmable soft start-up can be enabled, which limits the inrush current from the input node and
secures a slope-controlled rail activation.
The dynamic voltage control (DVC) supports adaptive adjustment of the supply voltage dependent on
the processor load, via either a direct register write using the communication interface (I2C-
compatible) or with a programmable input pin.
A configurable GPI allows multiple I2C address selection for multiple instances of DA9131 in the
same application.
DA9131 has integrated over-temperature and over-current protection for increased system reliability,
without the need for external sensing components.
Key Features
■ 2.8 V to 5.5 V input voltage
■ 0.3 V to 1.9 V output voltage
■ 4 MHz nominal switching frequency
■ ±1 % accuracy (static)
■ ±5 % accuracy (dynamic)
■ I2C-compatible interface (FM+)
■ Programmable GPIOs
■ Programmable soft-start
■ Voltage, current, and temperature
supervision
■ Key safety features
□ Output under-voltage and over-voltage
protection
□ Input under-voltage protection
□ 2-step over-temperature protection
■ -40 °C to +105 ºC ambient temperature
range
■ AEC-Q100 Grade 2 qualified version also
available for Automotive applications
(DA9131-A)
■ 24-pin FCQFN package (nom. 3.3 mm x 4.8
mm)
□ Wettable flanks
Benefits
■ High Efficiency buck converters deliver outstanding thermal performance
■ Fully integrated switching FET’s means no external FETs or Schottky diodes are required
■ Remote sensing guarantees the highest accuracy and supports multiple PCB routing scenarios
without loss of performance.
■ Fully programmable soft-start limits the inrush current from the input to give a slope-controlled
output voltage.
■ Dynamic voltage control (DVC) enables adaptive adjustment of the device output voltage
depending on the load. This increases efficiency when the downstream circuitry enters low power
or idle mode, resulting in power savings.


Similar Part No. - DA9131

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA9131 RENESAS-DA9131 Datasheet
955Kb / 58P
High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
25-May-2022
DA9131 RENESAS-DA9131 Datasheet
991Kb / 59P
High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
July 18, 2025
logo
Dialog Semiconductor
DA9131-A DIALOG-DA9131-A Datasheet
1Mb / 56P
High-Performance, Dual-Channel DC-DC Converter for Automotive Applications
logo
Renesas Technology Corp
DA9131-A RENESAS-DA9131-A Datasheet
986Kb / 57P
High-Performance, Dual-Channel DC-DC Converter for Automotive Applications
25-May-2022
DA9131-A RENESAS-DA9131-A Datasheet
1Mb / 59P
High-Performance, Dual-Channel DC-DC Converter for Automotive Applications
July 08, 2025
More results

Similar Description - DA9131

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9122 DIALOG-DA9122 Datasheet
1Mb / 60P
High-Performance Dual-Channel DC-DC Converter
DA9130 DIALOG-DA9130 Datasheet
1Mb / 46P
High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
DA9131-A DIALOG-DA9131-A Datasheet
1Mb / 56P
High-Performance, Dual-Channel DC-DC Converter for Automotive Applications
DA9132 DIALOG-DA9132 Datasheet
1Mb / 56P
High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
DA9132-A DIALOG-DA9132-A Datasheet
1Mb / 56P
High-Performance, Dual-Channel DC-DC Converter for Automotive Applications
logo
Renesas Technology Corp
DA9130 RENESAS-DA9130 Datasheet
899Kb / 46P
High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
14-Apr-2022
DA9131-A RENESAS-DA9131-A Datasheet
986Kb / 57P
High-Performance, Dual-Channel DC-DC Converter for Automotive Applications
25-May-2022
DA9131 RENESAS-DA9131 Datasheet
955Kb / 58P
High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
25-May-2022
DA9132-A RENESAS-DA9132-A Datasheet
1,015Kb / 58P
High-Performance, Dual-Channel DC-DC Converter for Automotive Applications
25-May-2022
DA9132 RENESAS-DA9132 Datasheet
969Kb / 58P
High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
25-May-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com