Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9131 Datasheet(PDF) 38 Page - Dialog Semiconductor

Part # DA9131
Description  High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9131 Datasheet(HTML) 38 Page - Dialog Semiconductor

Back Button DA9131 Datasheet HTML 34Page - Dialog Semiconductor DA9131 Datasheet HTML 35Page - Dialog Semiconductor DA9131 Datasheet HTML 36Page - Dialog Semiconductor DA9131 Datasheet HTML 37Page - Dialog Semiconductor DA9131 Datasheet HTML 38Page - Dialog Semiconductor DA9131 Datasheet HTML 39Page - Dialog Semiconductor DA9131 Datasheet HTML 40Page - Dialog Semiconductor DA9131 Datasheet HTML 41Page - Dialog Semiconductor DA9131 Datasheet HTML 42Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
DA9131
High-Performance, Dual-Channel DC-DC Converter for
Mobile and Portable Applications
Datasheet
Revision 2.0
11-Aug-2021
CFR0011-120-00
38 of 56
© 2021 Dialog Semiconductor
0x2
2
0x1
1
0x0
0
0x7
-1
0x6
-2
0x5
-3
0x4
-4
[1]
I2C_TIMEOUT
Enable automatic reset of 2-wire interface (if SDA stays low for >50 ms).
Table 34: SYS_GPIO0_0 (0x0010)
Bit
Symbol
Description
[4:1]
GPIO0_MODE
GPIO function mode select
Value
Description
0x0
GPIO disable
0x1
EN1 input
0x2
EN2 input
0x3
EN1 & EN2 input
0x4
DVC1 input
0x5
DVC2 input
0x6
DVC1 & DVC2 input
0x7
RELOAD input
0x8
PG1 output
0x9
PG2 output
0xA
PG1 & PG2 output
0xB
SG output
0xC
nIRQ output
0xD
Reserved
0xE
Low output
0xF
High output
[0]
GPIO0_OBUF
GPIO output buffer select
Value
Description
0x0
open-drain output
0x1
push-pull output
Table 35: SYS_GPIO0_1 (0x0011)
Bit
Symbol
Description
[7]
GPIO0_DEB_FALL
GPI debouce falling edge
[6]
GPIO0_DEB_RISE
GPI debounce rising edge
[5:4]
GPIO0_DEB
GPI debounce time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com