Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9131 Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # DA9131
Description  High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9131 Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button DA9131 Datasheet HTML 7Page - Dialog Semiconductor DA9131 Datasheet HTML 8Page - Dialog Semiconductor DA9131 Datasheet HTML 9Page - Dialog Semiconductor DA9131 Datasheet HTML 10Page - Dialog Semiconductor DA9131 Datasheet HTML 11Page - Dialog Semiconductor DA9131 Datasheet HTML 12Page - Dialog Semiconductor DA9131 Datasheet HTML 13Page - Dialog Semiconductor DA9131 Datasheet HTML 14Page - Dialog Semiconductor DA9131 Datasheet HTML 15Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
DA9131
High-Performance, Dual-Channel DC-DC Converter for
Mobile and Portable Applications
Datasheet
Revision 2.0
11-Aug-2021
CFR0011-120-00
11 of 56
© 2021 Dialog Semiconductor
3.3
Thermal Characteristics
3.3.1
Thermal Ratings
Table 5: Package Ratings
Parameter
Description
Conditions
Min
Typ
Max
Unit
JA
Package thermal
resistance
21.21
Note 1
°C/W
Note 1
Obtained from package thermal simulations, JEDEC 2S2P four layer board (76.2 mm x 114 mm x
1.6
mm), 70 μm (2 oz) copper thickness power planes, 35 μm (1 oz) copper thickness signal layer
traces, natural convection (still air), see Section 6.1.
3.3.2
Power Dissipation
Table 6: Power Dissipation
Parameter
Description
Conditions
Min
Typ
Max
Unit
PD_Twarn
Power dissipation
@105 °C ambient, TJ_WARN
0.94
W
PD_Tcrit
Power dissipation
@105 °C ambient, TCRIT
1.65
W
Figure 5: Power Derating Curve
3.4
ESD Characteristics
Table 7: ESD Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
VESD_HBM
ESD protection, human
body model (HBM)
2
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com