Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9131 Datasheet(PDF) 24 Page - Dialog Semiconductor

Part # DA9131
Description  High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9131 Datasheet(HTML) 24 Page - Dialog Semiconductor

Back Button DA9131 Datasheet HTML 20Page - Dialog Semiconductor DA9131 Datasheet HTML 21Page - Dialog Semiconductor DA9131 Datasheet HTML 22Page - Dialog Semiconductor DA9131 Datasheet HTML 23Page - Dialog Semiconductor DA9131 Datasheet HTML 24Page - Dialog Semiconductor DA9131 Datasheet HTML 25Page - Dialog Semiconductor DA9131 Datasheet HTML 26Page - Dialog Semiconductor DA9131 Datasheet HTML 27Page - Dialog Semiconductor DA9131 Datasheet HTML 28Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
DA9131
High-Performance, Dual-Channel DC-DC Converter for
Mobile and Portable Applications
Datasheet
Revision 2.0
11-Aug-2021
CFR0011-120-00
24 of 56
© 2021 Dialog Semiconductor
Register
Description
1: System good
M_SG_STAT
System good status (SG) interrupt mask register
0: Not masked
1: Masked. No IRQ signal sent. System good status register (SG) is updated
TEMP_WARN
Asserted as long as the thermal warning threshold (TWARN) is reached
0: Junction temperature is below TWARN
1: Junction temperature is above TWARN
M_VR_HOT
Temperature warning status (TEMP_WARN) interrupt mask register
0: Not masked
1: Masked. No IRQ signal sent. Temperature warning status register (TEMP_WARN) is
updated
Over-voltage
Under-voltage
PG#
E_TEMP_WARN
0
VOUT
IRQ Not
Masked
1
0
TEMP_WARN
TJ > TWARN
TJ < TWARN
I
2C
Write
Clear
Status Reg
Event Reg
Status Reg
GPIO (nIRQ)
Active-Low Setting
(GPIO#_POL = 1)
Active-High Setting
(GPIO#_POL = 0)
Target Voltage
· GPIO is cofigured as nIRQ
· M_TEMP_WARN = 0
· M_PG#_STAT = 0
Condition
Figure 11: Interrupt Operation Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com