Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9131 Datasheet(PDF) 12 Page - Dialog Semiconductor

Part # DA9131
Description  High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9131 Datasheet(HTML) 12 Page - Dialog Semiconductor

Back Button DA9131 Datasheet HTML 8Page - Dialog Semiconductor DA9131 Datasheet HTML 9Page - Dialog Semiconductor DA9131 Datasheet HTML 10Page - Dialog Semiconductor DA9131 Datasheet HTML 11Page - Dialog Semiconductor DA9131 Datasheet HTML 12Page - Dialog Semiconductor DA9131 Datasheet HTML 13Page - Dialog Semiconductor DA9131 Datasheet HTML 14Page - Dialog Semiconductor DA9131 Datasheet HTML 15Page - Dialog Semiconductor DA9131 Datasheet HTML 16Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
DA9131
High-Performance, Dual-Channel DC-DC Converter for
Mobile and Portable Applications
Datasheet
Revision 2.0
11-Aug-2021
CFR0011-120-00
12 of 56
© 2021 Dialog Semiconductor
3.5
Buck Characteristics
Unless otherwise noted, the following is valid for TJ = -40 °C to +125 °C, VSYS = 2.8 V to 5.5 V.
Table 8: Buck Electrical Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
External Electrical Conditions
VIN
Input voltage
VIN = VSYS
2.8
5.5
V
COUT
Output capacitance,
including voltage and
temperature coefficient
-40 %
20
+30 %
μF
ESRCOUT
Output capacitor series
resistance
f > 100 kHz
1
mΩ
L
Inductor value, including
current and temperature
dependence
-50 %
220
+20 %
nH
DCRL
Inductor DC resistance
8
13
mΩ
Electrical Performance
VOUT
Output voltage,
programmable in 10 mV
steps
IOUT = 0 mA to IMAX at 25 °C
ambient
2.8 V < VOUT + 1 V < VIN
≤
5.5 V
0.3
1.9
V
ILIM
Current limit, programmable
per phase
Note 1
CHx_ILIM = 1010
-20 %
8
+20 %
A
IMAX_0V7
Output current
Note 2
AVDD
≥ VOUT + 0.7 V
2
A
IMAX_1V0
Output current
Note 2
AVDD
≥ VOUT + 1.0 V
5.6
A
VOUT_ACC
Output voltage accuracy,
including static line and load
regulation
VOUT < 1 V
-10
10
mV
VOUT_ACC
Output voltage accuracy,
including static line and load
regulation
VOUT
≥ 1 V
-1
1
%
VTHR_PG_HYS
Power-good voltage
threshold hysteresis
Referred to VTHR_PG_DWN
60
80
100
mV
VTHR_PG_DWN
Power-good voltage
threshold for falling
Referred to VOUT
-160
-130
-80
mV
VTHR_HV
High VOUT voltage threshold
Referred to VOUT
100
150
200
mV
VOUT_TR_LINE
Line transient response
VIN = 3 V to 3.6 V
IOUT = 0.5 * IMAX
dt = 10
μs
15
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com