Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9131 Datasheet(PDF) 22 Page - Dialog Semiconductor

Part # DA9131
Description  High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9131 Datasheet(HTML) 22 Page - Dialog Semiconductor

Back Button DA9131 Datasheet HTML 18Page - Dialog Semiconductor DA9131 Datasheet HTML 19Page - Dialog Semiconductor DA9131 Datasheet HTML 20Page - Dialog Semiconductor DA9131 Datasheet HTML 21Page - Dialog Semiconductor DA9131 Datasheet HTML 22Page - Dialog Semiconductor DA9131 Datasheet HTML 23Page - Dialog Semiconductor DA9131 Datasheet HTML 24Page - Dialog Semiconductor DA9131 Datasheet HTML 25Page - Dialog Semiconductor DA9131 Datasheet HTML 26Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
DA9131
High-Performance, Dual-Channel DC-DC Converter for
Mobile and Portable Applications
Datasheet
Revision 2.0
11-Aug-2021
CFR0011-120-00
22 of 56
© 2021 Dialog Semiconductor
Some of these events are categorized as fault events and affect device operation (for example, buck
disable), see Section 4.1.6.
Table 13: Interrupt List
Name
Polarity
(Note 1)
Trigger
IRQ Status
Register
IRQ Mask
Register
Deglitch
Period
Thermal
warning
(event)
N
TJ rising above TWARN
E_TEMP_WARN
M_TEMP_WARN
0 s
Thermal
critical
(event)
N
TJ rising above TCRIT
E_TEMP_CRIT
M_TEMP_CRIT
0 s
System
good
(event)
P
E_SG
M_SG
0 s
Buck1
power-good
(event)
P
Buck1 VOUT is in power-
good voltage range
(not under- or over-voltage)
E_PG1
M_PG1
0 s
Buck2
power-good
(event)
P
Buck2 VOUT is in power-
good voltage range
(not under- or over-voltage)
E_PG2
M_PG2
0 s
Buck1
over-voltage
(event)
N
Buck1 VOUT rising above
over-voltage
threshold (target voltage +
150 mV)
E_OV1
M_OV1
Rise:8 µs
Fall:8 µs
Buck2
over-voltage
(event)
N
Buck2 VOUT rising above
over-voltage
threshold (target voltage +
150 mV)
E_OV2
M_OV2
Rise:8 µs
Fall:8 µs
Buck1
under-
voltage
(event)
N
Buck1 VOUT falling below
under-voltage
threshold (target voltage -
VTH_PG)
E_UV1
M_UV1
0 s
Buck2
under-
voltage
(event)
N
Buck2 VOUT falling below
under-voltage
threshold (target voltage -
VTH_PG)
E_UV2
M_UV2
0 s
Buck1
over-current
(event)
N
Buck1 current rising above
over-current threshold
E_OC1
M_OC1
0 s
Buck2
over-current
(event)
N
Buck2 current rising above
over-current threshold
E_OC2
M_OC2
0 s
Buck1
power-good
(status)
(Note 2)
P
Buck1 VOUT is in power-
good voltage range
(not under- or over-voltage)
PG1
M_PG1_STAT
(Note 3)
0 s
Buck2
power-good
(status)
(Note 2)
P
Buck2 VOUT is in power-
good voltage range
(not under- or over-voltage)
PG2
M_PG2_STAT
(Note 3)
0 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com