Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9131 Datasheet(PDF) 29 Page - Dialog Semiconductor

Part # DA9131
Description  High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9131 Datasheet(HTML) 29 Page - Dialog Semiconductor

Back Button DA9131 Datasheet HTML 25Page - Dialog Semiconductor DA9131 Datasheet HTML 26Page - Dialog Semiconductor DA9131 Datasheet HTML 27Page - Dialog Semiconductor DA9131 Datasheet HTML 28Page - Dialog Semiconductor DA9131 Datasheet HTML 29Page - Dialog Semiconductor DA9131 Datasheet HTML 30Page - Dialog Semiconductor DA9131 Datasheet HTML 31Page - Dialog Semiconductor DA9131 Datasheet HTML 32Page - Dialog Semiconductor DA9131 Datasheet HTML 33Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
DA9131
High-Performance, Dual-Channel DC-DC Converter for
Mobile and Portable Applications
Datasheet
Revision 2.0
11-Aug-2021
CFR0011-120-00
29 of 56
© 2021 Dialog Semiconductor
Register Name
Description
GPIO2_DEB[1:0]
GPIO2 input debounce time setting
GPIO2_DEB_RISE
GPIO2 input debounce rising edge enable
GPIO2_DEB_FALL
GPIO2 input debounce falling edge enable
4.3
Operating Modes
4.3.1
ON
DA9131 is ON when the IC_EN port is higher than VIH_EN and the supply voltage is higher than
VTHR_POR. Once enabled, the host processor can start communicating with DA9131 using the control
interface, after the tIC_EN delay.
4.3.2
OFF
DA9131 is OFF when the IC_EN port is lower than VIL_EN. In OFF, the bucks are always disabled and
LX nodes are pulled down by (typically 150 Ω) internal pull-down resistors.
4.4
I2C Communication
All features of DA9131 can be controlled with the I2C interface which is enabled or disabled in
register I2C_EN.
I2C_EN
Description
0
I2C disable: SCL/GPIO3 and SDA/GPIO4 pins can be used as GPIO
1
I2C enable: SCL/GPIO3 and SDA/GPIO4 pins are used as I2C clock input and I2C data
input/output.
GPIO3 functions as the I2C clock and GPIO4 carries all the power manager bidirectional I2C data.
The I2C interface is open-drain supporting multiple devices on a single line. The bus lines have to be
pulled high by external pull-up resistors (2
kΩ to 20 kΩ). The standard frequency of the I2C bus is
1 MHz in fast-mode plus (FM+), 400 kHz in fast-mode, or 100 kHz in standard mode.
4.4.1
I2C Protocol
All data is transmitted across the I2C bus in eight-bit groups. To send a bit, the SDA line is driven
towards the intended state while the SCL is low (a low SDA indicates a zero bit). Once the SDA has
settled, the SCL line is brought high and then low. This pulse on SCL clocks the SDA bit into the
receiver’s shift register.
A two-byte serial protocol is used containing one byte for address and one byte data. Data and
address transfer are transmitted MSB first for both read and write operations. All transmissions begin
with the START condition from the master while the bus is in idle state (the bus is free). It is initiated
by a high to low transition on the SDA line while the SCL is in the high state (a STOP condition is
indicated by a low to high transition on the SDA line while the SCL is in the high state).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com