Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9131 Datasheet(PDF) 18 Page - Dialog Semiconductor

Part # DA9131
Description  High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9131 Datasheet(HTML) 18 Page - Dialog Semiconductor

Back Button DA9131 Datasheet HTML 14Page - Dialog Semiconductor DA9131 Datasheet HTML 15Page - Dialog Semiconductor DA9131 Datasheet HTML 16Page - Dialog Semiconductor DA9131 Datasheet HTML 17Page - Dialog Semiconductor DA9131 Datasheet HTML 18Page - Dialog Semiconductor DA9131 Datasheet HTML 19Page - Dialog Semiconductor DA9131 Datasheet HTML 20Page - Dialog Semiconductor DA9131 Datasheet HTML 21Page - Dialog Semiconductor DA9131 Datasheet HTML 22Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
DA9131
High-Performance, Dual-Channel DC-DC Converter for
Mobile and Portable Applications
Datasheet
Revision 2.0
11-Aug-2021
CFR0011-120-00
18 of 56
© 2021 Dialog Semiconductor
4
Functional Description
4.1
DC-DC Buck Converter
DA9131 contains two buck converters, Buck1 and Buck2, each capable of delivering up to 5 A output
current at a 0.3 V to 1.9 V output voltage range.
Buck1 and Buck2 have two voltage registers each. One defines the normal output voltage, while the
other offers an alternative retention voltage. In this way, different application power modes can easily
be supported. The voltage selection can be operated either via GPI or via control interface to
guarantee the maximum flexibility according to the specific host processor status in the application.
When a buck is enabled, its output voltage is monitored and a power-good signal indicates that the
buck output voltage has reached a level higher than the VTHR_PG_HYS threshold. The power-good
status is lost when the voltage drops below VTHR_PG_DWN or increases above VTHR_HV. For each of the
buck converters the status of the power-good indicator can be read back via I2C from the PG1 and
PG2 status bits. It can be also individually assigned to any of the GPIOs by setting the GPIO mode
registers to either PG1 or PG2 output.
The buck converters are capable of supporting DVC transitions that occur when:
● the active and selected A- or B-voltage is updated to a new target value
● the voltage selection is changed from the A- to B-voltage (or B- to A-voltage) using CH<x>_VSEL
The DVC controller operates in pulse width modulation (PWM) mode with synchronous rectification.
The slew rate of the DVC transition is individually programmed for each buck converter at 10 mV per
8 µs, 4 µs, 2 µs, 1 µs, or 0.5 µs in register bits CH1_SR_DVC and CH2_SR_DVC.
A pull-
down resistor (typically 150 Ω) for each phase is always activated unless it is disabled by
setting register bits CH<x>_PD_DIS to 1.
4.1.1
Switching Frequency
The buck switching frequency can be tuned using register bit OSC_TUNE. The internal 8 MHz
oscillator frequency is tuned in ±160 kHz steps. This impacts the buck converter frequency in steps
of 80 kHz and helps to mitigate possible disturbances to other high frequency systems in the
application.
4.1.2
Operation Modes and Phase Selection
The buck converters can operate in PWM and PFM modes. The operating mode is selected using
register bits CH1_<A or B>_MODE and CH2_<A or B>_MODE.
If the automatic operation mode is selected on CH1_<A or B>_MODE or CH2_<A or B>_MODE, the
buck converters automatically change between synchronous PWM mode and PFM depending on the
load current. This improves the efficiency across the whole range of output load currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com