Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9131 Datasheet(PDF) 19 Page - Dialog Semiconductor

Part # DA9131
Description  High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9131 Datasheet(HTML) 19 Page - Dialog Semiconductor

Back Button DA9131 Datasheet HTML 15Page - Dialog Semiconductor DA9131 Datasheet HTML 16Page - Dialog Semiconductor DA9131 Datasheet HTML 17Page - Dialog Semiconductor DA9131 Datasheet HTML 18Page - Dialog Semiconductor DA9131 Datasheet HTML 19Page - Dialog Semiconductor DA9131 Datasheet HTML 20Page - Dialog Semiconductor DA9131 Datasheet HTML 21Page - Dialog Semiconductor DA9131 Datasheet HTML 22Page - Dialog Semiconductor DA9131 Datasheet HTML 23Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
DA9131
High-Performance, Dual-Channel DC-DC Converter for
Mobile and Portable Applications
Datasheet
Revision 2.0
11-Aug-2021
CFR0011-120-00
19 of 56
© 2021 Dialog Semiconductor
4.1.3
Output Voltage Selection
The switching converter can be configured using the I2C interface.
For each buck converter two output voltages can be pre-configured in registers CH<x>_<A or
B>_VOUT. The output voltage can be selected by either toggling register bit CH<x>_VSEL or by re-
programming the selected voltage control register. Both changes will result in ramped voltage
transitions. After being enabled, the buck converter will, by default, use the register settings in
CH<x>_A_VOUT unless the output voltage selection is configured via the GPI port.
Registers CH<1 and 2>_VMAX limit the output voltage that can be set for each of the respective
buck converters.
Figure 8: Buck Output Voltage Control Concept
4.1.4
Soft Start-Up and Shutdown
To limit in-rush current from VSYS, the buck converters can perform a soft-start after being enabled.
The start-up behavior is a compromise between acceptable inrush current from the battery and turn-
on time. Individual ramp times can be configured for each buck converter in registers CH<1 and
2>_SR_STARTUP respectively. Rates higher than 20 mV/µs may produce overshoot during the
start-up phase, so they should be considered carefully.
A ramped power down can be selected in register bits CH<1 and 2>_SR_SHDN. When no ramp is
selected (immediate power down), the output node will be discharged only by the pull-down resistor,
if enabled in registers CH<1 and 2>_PD_DIS.
4.1.5
Current Limit
The integrated current limit protects the power stages and external coil from excessive current. The
buck current limit should be configured to at least 40 % higher than the required maximum output
current.
When the current limit is reached, each buck converter generates an event and an interrupt to the
host processor unless the interrupt has been masked using register M_OC<x> in SYS_MASK_1.
Register bits OC_DVC_MASK is used to mask over-current events during DVC transitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com