Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6QP7EVT2AB Datasheet(PDF) 139 Page - NXP Semiconductors

Part # SCIMX6QP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP7EVT2AB Datasheet(HTML) 139 Page - NXP Semiconductors

Back Button SCIMX6QP7EVT2AB Datasheet HTML 135Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 136Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 137Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 138Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 139Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 140Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 141Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 142Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 143Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 166 page
background image
Boot Mode Configuration
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
139
5.2
Boot Devices Interfaces Allocation
Table 94 lists the interfaces that can be used by the boot process in accordance with the specific boot
mode configuration. The table also describes the interface’s specific modes and IOMUXC allocation,
which are configured during boot when appropriate.
EIM_A19
Input
BOOT_CFG3[3]
EIM_A20
Input
BOOT_CFG3[4]
EIM_A21
Input
BOOT_CFG3[5]
EIM_A22
Input
BOOT_CFG3[6]
EIM_A23
Input
BOOT_CFG3[7]
EIM_A24
Input
BOOT_CFG4[0]
EIM_WAIT
Input
BOOT_CFG4[1]
EIM_LBA
Input
BOOT_CFG4[2]
EIM_EB0
Input
BOOT_CFG4[3]
EIM_EB1
Input
BOOT_CFG4[4]
EIM_RW
Input
BOOT_CFG4[5]
EIM_EB2
Input
BOOT_CFG4[6]
EIM_EB3
Input
BOOT_CFG4[7]
1 Pin value overrides fuse settings for BT_FUSE_SEL = ‘0’. Signal Configuration as Fuse Override Input at Power
Up. These are special I/O lines that control the boot up configuration during product development. In production,
the boot configuration can be controlled by fuses.
Table 94. Interfaces Allocation During Boot
Interface
IP Instance
Allocated Pads During Boot
Comment
SPI
ECSPI-1
EIM_D17, EIM_D18, EIM_D16, EIM_EB2, EIM_D19,
EIM_D24, EIM_D25
—
SPI
ECSPI-2
CSI0_DAT10, CSI0_DAT9, CSI0_DAT8, CSI0_DAT11,
EIM_LBA, EIM_D24, EIM_D25
—
SPI
ECSPI-3
DISP0_DAT2, DISP0_DAT1, DISP0_DAT0,
DISP0_DAT3,DISP0_DAT4,DISP0_DAT5,DISP0_DAT6
—
SPI
ECSPI-4
EIM_D22, EIM_D28, EIM_D21, EIM_D20, EIM_A25,
EIM_D24, EIM_D25
—
SPI
ECSPI-5
SD1_DAT0, SD1_CMD, SD1_CLK, SD1_DAT1,
SD1_DAT2, SD1_DAT3, SD2_DAT3
—
EIM
EIM
EIM_DA[15:0], EIM_D[31:16], CSI0_DAT[19:4],
CSI0_DATA_EN, CSI0_VSYNC
Used for NOR, OneNAND boot
Only CS0 is supported
Table 93. Fuses and Associated Pins Used for Boot (continued)
Pin
Direction at Reset
eFuse Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com