Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6QP7EVT2AB Datasheet(PDF) 136 Page - NXP Semiconductors

Part # SCIMX6QP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP7EVT2AB Datasheet(HTML) 136 Page - NXP Semiconductors

Back Button SCIMX6QP7EVT2AB Datasheet HTML 132Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 133Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 134Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 135Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 136Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 137Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 138Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 139Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 140Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
136
NXP Semiconductors
Electrical Characteristics
4.12.22 USB HSIC Timings
This section describes the electrical information of the USB HSIC port.
NOTE
HSIC is a DDR signal. The following timing specification is for both rising
and falling edges.
4.12.22.1 Transmit Timing
Figure 98. USB HSIC Transmit Waveform
4.12.22.2 Receive Timing
Figure 99. USB HSIC Receive Waveform
Table 91. USB HSIC Transmit Parameters
Name
Parameter
Min
Max
Unit
Comment
Tstrobe
strobe period
4.166
4.167
ns
—
Todelay
data output delay time
550
1350
ps
Measured at 50% point
Tslew
strobe/data rising/falling time
0.7
2
V/ns
Averaged from 30% – 70% points
Table 92. USB HSIC Receive Parameters1
1 The timings in the table are guaranteed when:
—AC I/O voltage is between 0.9x to 1x of the I/O supply
—DDR_SEL configuration bits of the I/O are set to (10)b
Name
Parameter
Min
Max
Unit
Comment
Tstrobe
strobe period
4.166
4.167
ns
—
Thold
data hold time
300
—
ps
Measured at 50% point
Tsetup
data setup time
365
—
ps
Measured at 50% point
Tslew
strobe/data rising/falling time
0.7
2
V/ns
Averaged from 30% – 70% points
USB_H_STROBE
USB_H_DATA
Todelay
Tstrobe
Todelay
USB_H_STROBE
USB_H_DATA
Thold
Tstrobe
Tsetup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com