Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6QP7EVT2AB Datasheet(PDF) 132 Page - NXP Semiconductors

Part # SCIMX6QP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP7EVT2AB Datasheet(HTML) 132 Page - NXP Semiconductors

Back Button SCIMX6QP7EVT2AB Datasheet HTML 128Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 129Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 130Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 131Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 132Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 133Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 134Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 135Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 136Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
132
NXP Semiconductors
Electrical Characteristics
NOTE
•
All the timings for the SSI are given for a non-inverted serial clock
polarity (TSCKP/RSCKP = 0) and a non-inverted frame sync
(TFSI/RFSI = 0). If the polarity of the clock and/or the frame sync have
been inverted, all the timing remains valid by inverting the clock signal
AUDx_TXC/AUDx_RXC and/or the frame sync
AUDx_TXFS/AUDx_RXFS shown in the tables and in the figures.
•
All timings are on Audiomux Pads when SSI is being used for data
transfer.
•
AUDx_TXC and AUDx_RXC refer to the Transmit and Receive
sections of the SSI.
•
The terms, WL and BL, refer to Word Length (WL) and Bit Length(BL).
•
For internal Frame Sync operation using external clock, the frame sync
timing is same as that of transmit data (for example, during AC97 mode
of operation).
Table 85. SSI Receiver Timing with External Clock
ID
Parameter
Min
Max
Unit
External Clock Operation
SS22
AUDx_TXC/AUDx_RXC clock period
81.4
—
ns
SS23
AUDx_TXC/AUDx_RXC clock high period
36
—
ns
SS24
AUDx_TXC/AUDx_RXC clock rise time
—
6.0
ns
SS25
AUDx_TXC/AUDx_RXC clock low period
36
—
ns
SS26
AUDx_TXC/AUDx_RXC clock fall time
—
6.0
ns
SS28
AUDx_RXC high to AUDx_TXFS (bl) high
–10
15.0
ns
SS30
AUDx_RXC high to AUDx_TXFS (bl) low
10
—
ns
SS32
AUDx_RXC high to AUDx_TXFS (wl) high
–10
15.0
ns
SS34
AUDx_RXC high to AUDx_TXFS (wl) low
10
—
ns
SS35
AUDx_TXC/AUDx_RXC External AUDx_TXFS rise time
—
6.0
ns
SS36
AUDx_TXC/AUDx_RXC External AUDx_TXFS fall time
—
6.0
ns
SS40
AUDx_RXD setup time before AUDx_RXC low
10
—
ns
SS41
AUDx_RXD hold time after AUDx_RXC low
2
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com