Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6QP7EVT2AB Datasheet(PDF) 129 Page - NXP Semiconductors

Part # SCIMX6QP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP7EVT2AB Datasheet(HTML) 129 Page - NXP Semiconductors

Back Button SCIMX6QP7EVT2AB Datasheet HTML 125Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 126Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 127Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 128Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 129Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 130Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 131Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 132Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 133Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 166 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
129
NOTE
•
All the timings for the SSI are given for a non-inverted serial clock
polarity (TSCKP/RSCKP = 0) and a non-inverted frame sync
(TFSI/RFSI = 0). If the polarity of the clock and/or the frame sync have
been inverted, all the timing remains valid by inverting the clock signal
AUDx_TXC/AUDx_RXC and/or the frame sync
AUDx_TXFS/AUDx_RXFS shown in the tables and in the figures.
•
All timings are on Audiomux Pads when SSI is being used for data
transfer.
•
AUDx_TXC and AUDx_RXC refer to the Transmit and Receive
sections of the SSI.
•
The terms, WL and BL, refer to Word Length (WL) and Bit Length(BL).
•
For internal Frame Sync operation using external clock, the frame sync
timing is same as that of transmit data (for example, during AC97 mode
of operation).
Oversampling Clock Operation
SS47
Oversampling clock period
15.04
—
ns
SS48
Oversampling clock high period
6.0
—
ns
SS49
Oversampling clock rise time
—
3.0
ns
SS50
Oversampling clock low period
6.0
—
ns
SS51
Oversampling clock fall time
—
3.0
ns
Table 83. SSI Receiver Timing with Internal Clock (continued)
ID
Parameter
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com