Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6QP7EVT2AB Datasheet(PDF) 154 Page - NXP Semiconductors

Part # SCIMX6QP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP7EVT2AB Datasheet(HTML) 154 Page - NXP Semiconductors

Back Button SCIMX6QP7EVT2AB Datasheet HTML 150Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 151Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 152Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 153Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 154Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 155Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 156Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 157Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 158Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
154
NXP Semiconductors
Package Information and Contact Assignments
GPIO_4
R6
NVCC_GPIO
GPIO
ALT5
GPIO1_IO04
Input
PU (100K)
GPIO_5
R4
NVCC_GPIO
GPIO
ALT5
GPIO1_IO05
Input
PU (100K)
GPIO_6
T3
NVCC_GPIO
GPIO
ALT5
GPIO1_IO06
Input
PU (100K)
GPIO_7
R3
NVCC_GPIO
GPIO
ALT5
GPIO1_IO07
Input
PU (100K)
GPIO_8
R5
NVCC_GPIO
GPIO
ALT5
GPIO1_IO08
Input
PU (100K)
GPIO_9
T2
NVCC_GPIO
GPIO
ALT5
GPIO1_IO09
Input
PU (100K)
HDMI_CLKM
J5
HDMI_VPH
—
—
HDMI_TX_CLK_N
—
—
HDMI_CLKP
J6
HDMI_VPH
—
—
HDMI_TX_CLK_P
—
—
HDMI_D0M
K5
HDMI_VPH
—
—
HDMI_TX_DATA0_N
—
—
HDMI_D0P
K6
HDMI_VPH
—
—
HDMI_TX_DATA0_P
—
—
HDMI_D1M
J3
HDMI_VPH
—
—
HDMI_TX_DATA1_N
—
—
HDMI_D1P
J4
HDMI_VPH
—
—
HDMI_TX_DATA1_P
—
—
HDMI_D2M
K3
HDMI_VPH
—
—
HDMI_TX_DATA2_N
—
—
HDMI_D2P
K4
HDMI_VPH
—
—
HDMI_TX_DATA2_P
—
—
HDMI_HPD
K1
HDMI_VPH
—
—
HDMI_TX_HPD
—
—
JTAG_MOD
H6
NVCC_JTAG
GPIO
ALT0
JTAG_MODE
Input
PU (100K)
JTAG_TCK
H5
NVCC_JTAG
GPIO
ALT0
JTAG_TCK
Input
PU (47K)
JTAG_TDI
G5
NVCC_JTAG
GPIO
ALT0
JTAG_TDI
Input
PU (47K)
JTAG_TDO
G6
NVCC_JTAG
GPIO
ALT0
JTAG_TDO
Output
Keeper
JTAG_TMS
C3
NVCC_JTAG
GPIO
ALT0
JTAG_TMS
Input
PU (47K)
JTAG_TRSTB
C2
NVCC_JTAG
GPIO
ALT0
JTAG_TRST_B
Input
PU (47K)
KEY_COL0
W5
NVCC_GPIO
GPIO
ALT5
GPIO4_IO06
Input
PU (100K)
KEY_COL1
U7
NVCC_GPIO
GPIO
ALT5
GPIO4_IO08
Input
PU (100K)
KEY_COL2
W6
NVCC_GPIO
GPIO
ALT5
GPIO4_IO10
Input
PU (100K)
KEY_COL3
U5
NVCC_GPIO
GPIO
ALT5
GPIO4_IO12
Input
PU (100K)
KEY_COL4
T6
NVCC_GPIO
GPIO
ALT5
GPIO4_IO14
Input
PU (100K)
KEY_ROW0
V6
NVCC_GPIO
GPIO
ALT5
GPIO4_IO07
Input
PU (100K)
KEY_ROW1
U6
NVCC_GPIO
GPIO
ALT5
GPIO4_IO09
Input
PU (100K)
KEY_ROW2
W4
NVCC_GPIO
GPIO
ALT5
GPIO4_IO11
Input
PU (100K)
KEY_ROW3
T7
NVCC_GPIO
GPIO
ALT5
GPIO4_IO13
Input
PU (100K)
KEY_ROW4
V5
NVCC_GPIO
GPIO
ALT5
GPIO4_IO15
Input
PD (100K)
LVDS0_CLK_N
V4
NVCC_LVDS_2P5
LVDS
—
LVDS0_CLK_N
—
—
LVDS0_CLK_P
V3
NVCC_LVDS_2P5
LVDS
ALT0
LVDS0_CLK_P
Input
Keeper
LVDS0_TX0_N
U2
NVCC_LVDS_2P5
LVDS
—
LVDS0_TX0_N
—
—
LVDS0_TX0_P
U1
NVCC_LVDS_2P5
LVDS
ALT0
LVDS0_TX0_P
Input
Keeper
LVDS0_TX1_N
U4
NVCC_LVDS_2P5
LVDS
—
LVDS0_TX1_N
—
—
Table 96. 21 x 21 mm Functional Contact Assignments (continued)
Ball Name
Ball
Power Group
Ball Type
Out of Reset Condition1
Default
Mode
(Reset
Mode)
Default Function
(Signal Name)
Input/Output
Value2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com