Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6QP7EVT2AB Datasheet(PDF) 157 Page - NXP Semiconductors

Part # SCIMX6QP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP7EVT2AB Datasheet(HTML) 157 Page - NXP Semiconductors

Back Button SCIMX6QP7EVT2AB Datasheet HTML 153Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 154Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 155Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 156Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 157Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 158Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 159Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 160Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 161Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 166 page
background image
Package Information and Contact Assignments
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
157
SD2_DAT0
A22
NVCC_SD2
GPIO
ALT5
GPIO1_IO15
Input
PU (100K)
SD2_DAT1
E20
NVCC_SD2
GPIO
ALT5
GPIO1_IO14
Input
PU (100K)
SD2_DAT2
A23
NVCC_SD2
GPIO
ALT5
GPIO1_IO13
Input
PU (100K)
SD2_DAT3
B22
NVCC_SD2
GPIO
ALT5
GPIO1_IO12
Input
PU (100K)
SD3_CLK
D14
NVCC_SD3
GPIO
ALT5
GPIO7_IO03
Input
PU (100K)
SD3_CMD
B13
NVCC_SD3
GPIO
ALT5
GPIO7_IO02
Input
PU (100K)
SD3_DAT0
E14
NVCC_SD3
GPIO
ALT5
GPIO7_IO04
Input
PU (100K)
SD3_DAT1
F14
NVCC_SD3
GPIO
ALT5
GPIO7_IO05
Input
PU (100K)
SD3_DAT2
A15
NVCC_SD3
GPIO
ALT5
GPIO7_IO06
Input
PU (100K)
SD3_DAT3
B15
NVCC_SD3
GPIO
ALT5
GPIO7_IO07
Input
PU (100K)
SD3_DAT4
D13
NVCC_SD3
GPIO
ALT5
GPIO7_IO01
Input
PU (100K)
SD3_DAT5
C13
NVCC_SD3
GPIO
ALT5
GPIO7_IO00
Input
PU (100K)
SD3_DAT6
E13
NVCC_SD3
GPIO
ALT5
GPIO6_IO18
Input
PU (100K)
SD3_DAT7
F13
NVCC_SD3
GPIO
ALT5
GPIO6_IO17
Input
PU (100K)
SD3_RST
D15
NVCC_SD3
GPIO
ALT5
GPIO7_IO08
Input
PU (100K)
SD4_CLK
E16
NVCC_NANDF
GPIO
ALT5
GPIO7_IO10
Input
PU (100K)
SD4_CMD
B17
NVCC_NANDF
GPIO
ALT5
GPIO7_IO09
Input
PU (100K)
SD4_DAT0
D18
NVCC_NANDF
GPIO
ALT5
GPIO2_IO08
Input
PU (100K)
SD4_DAT1
B19
NVCC_NANDF
GPIO
ALT5
GPIO2_IO09
Input
PU (100K)
SD4_DAT2
F17
NVCC_NANDF
GPIO
ALT5
GPIO2_IO10
Input
PU (100K)
SD4_DAT3
A20
NVCC_NANDF
GPIO
ALT5
GPIO2_IO11
Input
PU (100K)
SD4_DAT4
E18
NVCC_NANDF
GPIO
ALT5
GPIO2_IO12
Input
PU (100K)
SD4_DAT5
C19
NVCC_NANDF
GPIO
ALT5
GPIO2_IO13
Input
PU (100K)
SD4_DAT6
B20
NVCC_NANDF
GPIO
ALT5
GPIO2_IO14
Input
PU (100K)
SD4_DAT7
D19
NVCC_NANDF
GPIO
ALT5
GPIO2_IO15
Input
PU (100K)
TAMPER
E11
VDD_SNVS_IN
GPIO
ALT0
SNVS_TAMPER
Input
PD (100K)
TEST_MODE
E12
VDD_SNVS_IN
—
—
TCU_TEST_MODE
Input
PD (100K)
USB_H1_DN
F10
VDD_USB_CAP
—
—
USB_H1_DN
—
—
USB_H1_DP
E10
VDD_USB_CAP
—
—
USB_H1_DP
—
—
USB_OTG_CHD_B
B8
VDD_USB_CAP
—
—
USB_OTG_CHD_B
—
—
USB_OTG_DN
B6
VDD_USB_CAP
—
—
USB_OTG_DN
—
—
USB_OTG_DP
A6
VDD_USB_CAP
—
—
USB_OTG_DP
—
—
XTALI
A7
NVCC_PLL
—
—
XTALI
—
—
XTALO
B7
NVCC_PLL
—
—
XTALO
—
—
1 The state immediately after reset and before ROM firmware or software has executed.
Table 96. 21 x 21 mm Functional Contact Assignments (continued)
Ball Name
Ball
Power Group
Ball Type
Out of Reset Condition1
Default
Mode
(Reset
Mode)
Default Function
(Signal Name)
Input/Output
Value2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com