Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6QP7EVT2AB Datasheet(PDF) 105 Page - NXP Semiconductors

Part # SCIMX6QP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP7EVT2AB Datasheet(HTML) 105 Page - NXP Semiconductors

Back Button SCIMX6QP7EVT2AB Datasheet HTML 101Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 102Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 103Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 104Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 105Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 106Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 107Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 108Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 109Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 166 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
105
The maximum accuracy of UP/DOWN edge of controls is:
The maximum accuracy of UP/DOWN edge of IPP_DISP_DATA is:
The DISP_CLK_PERIOD, DI_CLK_PERIOD parameters are register-controlled.
IP5o
Offset of IPP_DISP_CLK
Todicp
DISP_CLK_OFFSET
× Tdiclk
DISP_CLK_OFFSET—offset of
IPP_DISP_CLK edges from local start
point, in DI_CLK
×2
(0.5 DI_CLK Resolution).
Defined by DISP_CLK counter.
ns
IP13o Offset of VSYNC
Tovs
VSYNC_OFFSET
× Tdiclk
VSYNC_OFFSET—offset of Vsync edges
from a local start point, when a Vsync
should be active, in DI_CLK
×2
(0.5 DI_CLK Resolution). The
VSYNC_OFFSET should be built by
suitable DI’s counter.
ns
IP8o
Offset of HSYNC
Tohs
HSYNC_OFFSET
× Tdiclk
HSYNC_OFFSET—offset of Hsync edges
from a local start point, when a Hsync
should be active, in DI_CLK
×2
(0.5 DI_CLK Resolution). The
HSYNC_OFFSET should be built by
suitable DI’s counter.
ns
IP9o
Offset of DRDY
Todrdy
DRDY_OFFSET
× Tdiclk
DRDY_OFFSET—offset of DRDY edges
from a suitable local start point, when a
corresponding data has been set on the
bus, in DI_CLK
×2
(0.5 DI_CLK Resolution).
The DRDY_OFFSET should be built by
suitable DI’s counter.
ns
1 Display interface clock period immediate value.
DISP_CLK_PERIOD—number of DI_CLK per one Tdicp. Resolution 1/16 of DI_CLK.
DI_CLK_PERIOD—relation of between programing clock frequency and current system clock frequency
Display interface clock period average value.
2 DI’s counter can define offset, period and UP/DOWN characteristic of output signal according to programed parameters of the
counter. Same of parameters in the table are not defined by DI’s registers directly (by name), but can be generated by
corresponding DI’s counter. The SCREEN_WIDTH is an input value for DI’s HSYNC generation counter. The distance between
HSYNCs is a SCREEN_WIDTH.
Table 65. Synchronous Display Interface Timing Characteristics (Pixel Level) (continued)
ID
Parameter
Symbol
Value
Description
Unit
Tdicp
Tdiclk
DISP_CLK_PERIOD
DI_CLK_PERIOD
----------------------------------------------------
×
for integer DISP_CLK_PERIOD
DI_CLK_PERIOD
----------------------------------------------------
,
Tdiclk floor
DISP_CLK_PERIOD
DI_CLK_PERIOD
----------------------------------------------------
0.5 0.5
±
+


for fractional DISP_CLK_PERIOD
DI_CLK_PERIOD
----------------------------------------------------
,
=
Tdicp
Tdiclk
DISP_CLK_PERIOD
DI_CLK_PERIOD
----------------------------------------------------
×
=
Accuracy
0.5 Tdiclk
×
() 0.62ns
±
=
Accuracy
Tdiclk 0.62ns
±
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com