Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6QP7EVT2AB Datasheet(PDF) 106 Page - NXP Semiconductors

Part # SCIMX6QP7EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP7EVT2AB Datasheet(HTML) 106 Page - NXP Semiconductors

Back Button SCIMX6QP7EVT2AB Datasheet HTML 102Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 103Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 104Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 105Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 106Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 107Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 108Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 109Page - NXP Semiconductors SCIMX6QP7EVT2AB Datasheet HTML 110Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
106
NXP Semiconductors
Electrical Characteristics
Figure 65 depicts the synchronous display interface timing for access level. The DISP_CLK_DOWN and
DISP_CLK_UP parameters are register-controlled. Table 66 lists the synchronous display interface timing
characteristics.
Figure 65. Synchronous Display Interface Timing Diagram—Access Level
Table 66. Synchronous Display Interface Timing Characteristics (Access Level)
ID
Parameter
Symbol
Min
Typ1
1The exact conditions have not been finalized, but will likely match the current customer requirement for their specific display.
These conditions may be chip specific.
Max
Unit
IP16
Display interface clock low
time
Tckl
Tdicd-Tdicu-1.24
Tdicd2-Tdicu3
2 Display interface clock down time
3 Display interface clock up time where CEIL(X) rounds the elements of X to the nearest integers towards infinity.
Tdicd-Tdicu+1.24
ns
IP17
Display interface clock
high time
Tckh
Tdicp-Tdicd+Tdicu-1.24
Tdicp-Tdicd+Tdicu
Tdicp-Tdicd+Tdicu+1.2
ns
IP18
Data setup time
Tdsu
Tdicd-1.24
Tdicu
—
ns
IP19
Data holdup time
Tdhd
Tdicp-Tdicd-1.24
Tdicp-Tdicu
—
ns
IP20o
Control signals offset
times (defined for each
pin)
Tocsu
Tocsu-1.24
Tocsu
Tocsu+1.24
ns
IP20
Control signals setup time
to display interface clock
(defined for each pin)
Tcsu
Tdicd-1.24-Tocsu%Tdicp Tdicu
—
ns
IP19
IP18
IP20
VSYNC
IP17
IP16
DRDY
HSYNC
other controls
IP20o
local start point
Tdicd
Tdicu
IPP_DISP_CLK
IPP_DATA
Tdicd
1
2
---Tdiclk ceil
×
2
DISP_CLK_DOWN
×
DI_CLK_PERIOD
-----------------------------------------------------------


=
Tdicu
1
2
---Tdiclk ceil
×
2
DISP_CLK_UP
×
DI_CLK_PERIOD
------------------------------------------------


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com