Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC779FDH Datasheet(PDF) 34 Page - NXP Semiconductors

Part # P87LPC779FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779FDH Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button P87LPC779FDH Datasheet HTML 30Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 31Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 32Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 33Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 34Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 35Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 36Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 37Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
34 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.10 Oscillator
The P87LPC779 provides several user selectable oscillator options, allowing
optimization for a range of needs from high precision to lowest possible cost. These
are configured when the EPROM is programmed. Basic oscillator types that are
supported include: low, medium, and high speed crystals, covering a range from
20 kHz to 20 MHz; ceramic resonators; and on-chip RC oscillator.
8.10.1
Low speed oscillator option
This option supports an external crystal in the range of 20 kHz to 100 kHz.
8.10.2
Medium speed oscillator option
This option supports an external crystal in the range of 100 kHz to 4 MHz. Ceramic
resonators are also supported in this configuration.
8.10.3
High speed oscillator option
This option supports an external crystal in the range of 4 MHz to 20 MHz. Ceramic
resonators are also supported in this configuration.
Table 24:
KBI - Keyboard interrupt register (address 86H) bit description
Bit
Symbol
Description
7
-
When set, enables P0.7 as a cause of a Keyboard Interrupt.
6
-
When set, enables P0.6 as a cause of a Keyboard Interrupt.
5
-
When set, enables P0.5 as a cause of a Keyboard Interrupt.
4
-
When set, enables P0.4 as a cause of a Keyboard Interrupt.
3
-
When set, enables P0.3 as a cause of a Keyboard Interrupt.
2
-
When set, enables P0.2 as a cause of a Keyboard Interrupt.
1
-
When set, enables P0.1 as a cause of a Keyboard Interrupt.
0
-
When set, enables P0.0 as a cause of a Keyboard Interrupt.
Table 25:
Recommended oscillator capacitors for use with the low frequency oscillator option
Oscillator
Frequency
VDD = 2.7 V to 4.5 V
VDD = 4.5 V to 6.0 V
Lower Limit
Optimal Value
Upper Limit
Lower Limit
Optimal Value
Upper Limit
20 kHz
15 pF
15 pF
33 pF
33 pF
33 pF
47 pF
32 kHz
15 pF
15 pF
33 pF
33 pF
33 pF
47 pF
100 kHz
15 pF
15 pF
33 pF
15 pF
15 pF
33 pF
Table 26:
Recommended oscillator capacitors for use with the medium frequency oscillator option
Oscillator
Frequency
VDD = 2.7 V to 4.5 V
VDD = 4.5 V to 6.0 V
Lower Limit
Optimal Value
Upper Limit
Lower Limit
Optimal Value
Upper Limit
100 kHz
33 pF
33 pF
47 pF
33 pF
33 pF
47 pF
1 MHz
15 pF
15 pF
33 pF
15 pF
22 pF
47 pF
4 MHz
15 pF
15 pF
33 pF
15 pF
15 pF
33 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com