Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC779FDH Datasheet(PDF) 47 Page - NXP Semiconductors

Part # P87LPC779FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779FDH Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button P87LPC779FDH Datasheet HTML 43Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 44Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 45Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 46Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 47Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 48Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 49Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 50Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
47 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.15.6
Baud rates
The baud rate in Mode 0 is fixed: Mode 0 Baud Rate = CPU clock/6. The baud rate in
Mode 2 depends on the value of bit SMOD1 in Special Function Register PCON. If
SMOD1 = 0 (which is the value on reset), the baud rate is 1
⁄
32 of the CPU clock
frequency. If SMOD1 = 1, the baud rate is 1
⁄
16 of the CPU clock frequency.
(4)
Table 37:
SCON - Serial port control register (address 98H) bit description
Bit
Symbol
Description
7
FE
Framing Error. This bit is set by the UART receiver when an invalid
stop bit is detected. Must be cleared by software. The SMOD0 bit
in the PCON register must be ‘1’ for this bit to be accessible. See
SM0 bit below.
SM0
With SM1, defines the serial port mode. The SMOD0 bit in the
PCON register must be ‘0’ for this bit to be accessible. See FE bit
above.
6
SM1
With SM0, defines the serial port mode (see Table 38 below).
5
SM2
Enables the multiprocessor communication feature in Modes 2 and
3. In Mode 2 or 3, if SM2 is set to 1, then Rl will not be activated if
the received 9th data bit (RB8) is 0. In Mode 1, if SM2 = 1 then RI
will not be activated if a valid stop bit was not received. In Mode 0,
SM2 should be 0.
4
REN
Enables serial reception. Set by software to enable reception.
Clear by software to disable reception.
3
TB8
The 9th data bit that will be transmitted in Modes 2 and 3. Set or
clear by software as desired.
2
RB8
In Modes 2 and 3, is the 9th data bit that was received. In Mode 1,
it SM2 = 0, RB8 is the stop bit that was received. In Mode 0, RB8
is not used.
1
TI
Transmit interrupt flag. Set by hardware at the end of the 8th bit
time in Mode 0, or at the beginning of the stop bit in the other
modes, in any serial transmission. Must be cleared by software.
0
RI
Receive interrupt flag. Set by hardware at the end of the 8th bit
time in Mode 0, or halfway through the stop bit time in the other
modes, in any serial reception (except see SM2). Must be cleared
by software.
Table 38:
SM0, SM1 serial port mode
SM0, SM1
UART mode
Baud rate
0 0
0: shift register
CPU clock/6
0 1
1: 8-bit UART
variable (see text)
1 0
2: 9-bit UART
CPU clock/32 or CPU clock/16
1 1
3: 9-bit UART
variable (see text)
Mode 2 baud rate
1
SMOD1
+
32
------------------------------
CPU clock frequency
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com