Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC779FDH Datasheet(PDF) 19 Page - NXP Semiconductors

Part # P87LPC779FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779FDH Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button P87LPC779FDH Datasheet HTML 15Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 16Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 17Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 18Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 19Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 20Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 21Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 22Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
19 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.6.2
Internal reference voltage
An internal reference voltage generator may supply a default reference when a single
comparator input pin is used. The value of the internal reference voltage, referred to
as Vref, is 1.28 V
±10 %.
Fig 7.
Comparator input and output connections.
Comparator 1
CP1
CN1
(P0.4) CIN1A
(P0.3) CIN1B
(P0.5) CMPREF
VREF
OE1
Change Detect
CO1
CMF1
Interrupt
Change Detect
CMF2
Interrupt
002aaa617
CMP1 (P0.6)
Comparator 2
OE2
CO2
CMP2 (P0.0)
CP2
CN2
(P0.2) CIN2A
(P0.1) CIN2B
a.
CPn, CNn, OEn=000
b.
CPn, CNn, OEn=001
c.
CPn, CNn, OEn=010
d.
CPn, CNn, OEn=011
e.
CPn, CNn, OEn=100
f.
CPn, CNn, OEn=101
g.
CPn, CNn, OEn=110
h.
CPn, CNn, OEn=111
Fig 8.
Comparator configurations.
CINnA
CMPREF
002aaa618
COn
CINnA
CMPREF
002aaa620
COn
CMPn
CINnA
VREF (1.23V)
002aaa621
COn
CINnA
VREF (1.23 V)
002aaa622
COn
CMPn
CINnB
CMPREF
002aaa623
COn
CINnB
CMPREF
002aaa624
COn
CMPn
CINnB
VREF (1.23V)
002aaa625
COn
CINnB
VREF (1.23 V)
002aaa626
COn
CMPn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com