Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC779FDH Datasheet(PDF) 1 Page - NXP Semiconductors

Part # P87LPC779FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779FDH Datasheet(HTML) 1 Page - NXP Semiconductors

  P87LPC779FDH Datasheet HTML 1Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 2Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 3Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 4Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 5Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 6Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 7Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 8Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
P87LPC779
CMOS single-chip 8-bit 80C51 microcontroller with
128-byte data RAM, 8 kB OTP
Rev. 02 — 03 May 2004
Product data
1.
General description
The P87LPC779 is a 20-pin single-chip microcontroller designed for low pin count
applications demanding high-integration, low cost solutions over a wide range of
performance requirements. A member of the Philips low pin count family, the
P87LPC779 offers a four channel, 8-bit A/D converter, two DAC outputs,
programmable oscillator configurations for high and low speed crystals or RC
operation, wide operating voltage range, programmable port output configurations,
selectable Schmitt trigger inputs, LED drive outputs, and a built-in Watchdog timer.
The P87LPC779 is based on an accelerated 80C51 processor architecture that
executes instructions at twice the rate of standard 80C51 devices.
2.
Features
s An accelerated 80C51 CPU provides instruction cycle times of 300 ns to 600 ns
for all instructions except multiply and divide when executing at 20 MHz.
s 2.7 V to 5.5 V operating range for digital functions.
s Two 8-bit Digital to Analog Converters.
s Four channel, 8-bit Analog to Digital Converter. Conversion time is 9.3
µs with a
20 MHz crystal.
s I2C-bus communication port and Full duplex UART.
s Internal oscillator 2.5 %. The internal oscillator option allows operation with no
external oscillator components.
s Two analog comparators.
s Eight keypad interrupt inputs, plus two additional external interrupt inputs.
s Watchdog timer with separate on-chip oscillator, requiring no external
components. The Watchdog time-out time is selectable from eight values.
s 20-pin TSSOP package.


Similar Part No. - P87LPC779FDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87LPC778 PHILIPS-P87LPC778 Datasheet
360Kb / 79P
CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP
Rev. 01-31 March 2004
P87LPC778FDH PHILIPS-P87LPC778FDH Datasheet
360Kb / 79P
CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP
Rev. 01-31 March 2004
More results

Similar Description - P87LPC779FDH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F66C8A SANYO-LC87F66C8A Datasheet
768Kb / 23P
8-Bit Single Chip Microcontroller with 64 KB FEPROM and 2048-Byte RAM On Chip?
logo
NXP Semiconductors
P89LPC901 PHILIPS-P89LPC901 Datasheet
1Mb / 55P
8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
Rev. 04-21 November 2003
P89LPC932 PHILIPS-P89LPC932 Datasheet
291Kb / 60P
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM
Rev. 04-06 January 2004
P89LPC930 PHILIPS-P89LPC930 Datasheet
260Kb / 55P
8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM
Rev. 05-15 December 2004
logo
Sanyo Semicon Device
LC87F72C8A SANYO-LC87F72C8A Datasheet
717Kb / 24P
8-Bit Single Chip Microcontroller with 128 KB Flash Memory and 2048-Byte RAM On Chip
logo
NXP Semiconductors
P89LPC906 PHILIPS-P89LPC906 Datasheet
243Kb / 51P
8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
Rev. 05-17 December 2004
P87LPC778 PHILIPS-P87LPC778 Datasheet
360Kb / 79P
CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP
Rev. 01-31 March 2004
P89LPC912 NXP-P89LPC912 Datasheet
326Kb / 66P
8-bit microcontrollers with two-clock 80C51 core, 1 kB 3 V flash with 128-byte RAM
Rev. 05-28 September 2007
P87C51MB2_MC2 PHILIPS-P87C51MB2_MC2 Datasheet
970Kb / 36P
80C51 8-bit microcontroller family with extended memory 64 kB/96 kB OTP with 2 kB/3 kB RAM
Rev. 03-13 November 2003
P89LPC930 NXP-P89LPC930 Datasheet
277Kb / 55P
8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM
Rev. 05 - 15 December 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com