Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC779FDH Datasheet(PDF) 25 Page - NXP Semiconductors

Part # P87LPC779FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779FDH Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button P87LPC779FDH Datasheet HTML 21Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 22Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 23Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 24Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 25Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 26Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 27Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 28Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
25 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.7.6
Regarding software response time
Because the P87LPC779 can run at 20 MHz, and because the I2C-bus interface is
optimized for high-speed operation, it is quite likely that an I2C-bus service routine will
sometimes respond to DRDY (which is set at a rising edge of SCL) and write I2DAT
before SCL has gone low again. If XDAT were applied directly to SDA, this situation
would produce an I2C-bus protocol violation. The programmer need not worry about
this possibility because XDAT is applied to SDA only when SCL is low.
Conversely, a program that includes an I2C-bus service routine may take a long time
to respond to DRDY. Typically, an I2C-bus routine operates on a flag-polling basis
during a message, with interrupts from other peripheral functions enabled. If an
interrupt occurs, it will delay the response of the I2C-bus service routine. The
programmer need not worry about this very much either, because the I2C-bus
hardware stretches the SCL low time until the service routine responds. The only
constraint on the response is that it must not exceed the Timer I time-out.
Table 14:
I2DAT - I2C-bus data register (address D9H) bit description
Bit
Symbol
Access
Description
7
RDAT
R
The most recently received data bit, captured from SDA at
every rising edge of SCL. Reading I2DAT also clears DRDY
and the Transmit Active state.
XDAT
W
Sets the data for the next transmitted bit. Writing I2DAT also
clears DRDY and sets the Transmit Active state.
6 to 0 -
-
Reserved for future use. Should not be set to ‘1’ by user
programs.
Table 15:
I2CFG - I2C-bus configuration register (address C8h) bit allocation
Not bit addressable; Reset value: 00H
Bit
7
6
5
4
3
2
1
0
Symbol
SLAVEN
MASTRQ
CLRTI
TIRUN
-
-
CT1
CT0
Table 16:
I2CFG - I2C-bus configuration register (address C8h) bit description
Bit
Symbol
Description
7
SLAVEN
Slave Enable. Writing a ‘1’ this bit enables the slave functions of
the I2C-bus subsystem. If SLAVEN and MASTRQ are ‘0’, the
I2C-bus hardware is disabled. This bit is cleared to ‘0’ by reset and
by an I2C-bus time-out.
6
MASTRQ
Master Request. Writing a ‘1’ to this bit requests mastership of the
I2C-bus. If a transmission is in progress when this bit is changed
from ‘0’ to ‘1’, action is delayed until a stop condition is detected. A
start condition is sent and DRDY is set (thus making ATN = ‘1’ and
generating an I2C-bus interrupt). When a master wishes to release
mastership status of the I2C-bus, it writes a ‘1’ to XSTP in I2CON.
MASTRQ is cleared by an I2C-bus time-out.
5
CLRTI
Writing a ‘1’ to this bit clears the Timer I overflow flag. This bit
position always reads as a ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com