Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC779FDH Datasheet(PDF) 61 Page - NXP Semiconductors

Part # P87LPC779FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779FDH Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button P87LPC779FDH Datasheet HTML 57Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 58Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 59Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 60Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 61Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 62Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 63Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 64Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
61 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.17.1
Software reset
The SRST bit in AUXR1 allows software the opportunity to reset the processor
completely, as if an external reset or Watchdog reset had occurred. If a value is
written to AUXR1 that contains a ‘1’ at bit position 3, all SFRs will be initialized and
execution will resume at program address 0000. Care should be taken when writing
to AUXR1 to avoid accidental software resets.
8.17.2
Dual data pointers
The dual Data Pointer (DPTR) adds to the ways in which the processor can specify
the address used with certain instructions. The DPS bit in the AUXR1 register selects
one of the two Data Pointers. The DPTR that is not currently selected is not
accessible to software unless the DPS bit is toggled.
Specific instructions affected by the Data Pointer selection are:
• INC DPTR: Increments the Data Pointer by 1.
• JMP @A+DPTR: Jump indirect relative to DPTR value.
• MOV DPTR, #data16: Load the Data Pointer with a 16-bit constant.
• MOVCA, @A+DPTR: Move code byte relative to DPTR to the accumulator.
• MOVXA, @DPTR: Move data byte the accumulator to data memory relative to
DPTR.
• MOVX @DPTR, A: Move data byte from data memory relative to DPTR to the
accumulator.
Also, any instruction that reads or manipulates the DPH and DPL registers (the upper
and lower bytes of the current DPTR) will be affected by the setting of DPS. The
MOVX instructions have limited application for the P87LPC779 since the part does
not have an external data bus. However, they may be used to access EPROM
configuration information (see Section 8.18 “EPROM characteristics”).
Bit 2 of AUXR1 is permanently wired as a logic 0. This is so that the DPS bit may be
toggled (thereby switching Data Pointers) simply by incrementing the AUXR1 register,
without the possibility of inadvertently altering other bits in the register.
8.18 EPROM characteristics
Programming of the EPROM on the P87LPC779 is accomplished with a serial
programming method. Commands, addresses, and data are transmitted to and from
the device on two pins after programming mode is entered. Serial programming
allows easy implementation of in-circuit programming of the P87LPC779 in an
application board.
The P87LPC779 contains three signature bytes that can be read and used by an
EPROM programming system to identify the device. The signature bytes designate
the device as an P87LPC779 manufactured by Philips. The signature bytes may be
read by the user program at addresses FC30h, FC31h and FC60h with the MOVC
instruction, using the DPTR register for addressing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com