Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC779FDH Datasheet(PDF) 15 Page - NXP Semiconductors

Part # P87LPC779FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779FDH Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button P87LPC779FDH Datasheet HTML 11Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 12Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 13Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 14Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 15Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 16Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 17Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 18Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
15 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
When the A/D is operated from the RCCLK while the CPU is running from another
clock source, 3 or 4 machine cycles are used to synchronize A/D operation. The time
can range from a minimum of 3 machine cycles (at the CPU clock rate) + 108 RC
clocks to a maximum of 4 machine cycles (at the CPU clock rate) + 112 RC clocks.
Example A/D conversion times at various CPU clock rates are shown in Table 8. In
the table, maximum times for RCCLK = 1 use an RC clock frequency of 6 MHz.
Minimum times for RCCLK = 1 use an RC clock frequency of. Nominal time assume
an ideal RC clock frequency of 6 MHz and an average of 3.5 machine cycles at the
CPU clock rate.
8.4.1
The A/D in Power-down and Idle modes
While using the CPU clock as the A/D clock source, the Idle mode may be used to
conserve power and/or to minimize system noise during the conversion. CPU
operation will resume and Idle mode terminate automatically when a conversion is
complete if the A/D interrupt is active. In Idle mode, noise from the CPU itself is
eliminated, but noise from the oscillator and any other on-chip peripherals that are
running will remain.
The CPU may be put into Power-down mode when the A/D is clocked by the on-chip
RC oscillator (RCCLK = 1). This mode gives the best possible A/D accuracy by
eliminating most on-chip noise sources.
If the Power-down mode is entered while the A/D is running from the CPU clock
(RCCLK = 0), the A/D will abort operation and will not wake up the CPU. The
contents of DAC0 will be invalid when operation does resume.
Table 8:
Example A/D conversion times
CPU clock rate
RCCLK = 0
RCCLK = 1
minimum
nominal
maximum
32 kHz
NA
563.4
µs
659
µs
757
µs
1 MHz
186
µs
32.4
µs
39.3
µs
48.9
µs
4 MHz
46.5
µs
18.9
µs
23.6
µs
30.1
µs
11.0592 MHz
16.8
µs16 µs
20.2
µs
27.1
µs
12 MHz
15.5
µs
15.9
µs
20.1
µs
26.9
µs
16 MHz
11.6
µs
15.5
µs
19.7
µs
26.4
µs
20 MHz
9.3
µs
15.3
µs
19.4
µs
26.1
µs
Fig 5.
A/D converter connections.
002aaa616
AD0 (P0.3)
00
AD1 (P0.4)
A/D CONVERTER
01
AD2 (P0.5)
10
AD3 (P0.6)
11
ADCON
ADCON
DAC0
ADCON
DAC0
(A/D result, read DAC0)
VREF+ = VDD
VREF- = VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com