Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC779FDH Datasheet(PDF) 63 Page - NXP Semiconductors

Part # P87LPC779FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779FDH Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button P87LPC779FDH Datasheet HTML 59Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 60Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 61Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 62Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 63Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 64Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 65Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 66Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
63 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.18.2
Security bits
When neither of the security bits are programmed, the code in the EPROM can be
verified. When only security bit 1 is programmed, all further programming of the
EPROM is disabled. At that point, only security bit 2 may still be programmed. When
both security bits are programmed, EPROM verify is also disabled.
0 1 0
Low frequency crystal, 20 kHz to 100 kHz.
0 0 1
Medium frequency crystal or resonator, 100 kHz to 4 MHz.
0 0 0
High frequency crystal or resonator, 4 MHz to 20 MHz.
Table 51:
UCFG2 - EPROM system configuration byte 2 register (address FD01H) bit
allocation
Unprogrammed value: FFH
Bit
7
6
5
4
3
2
1
0
Symbol
SB2
SB1
-
-
-
-
-
-
Table 52:
UCFG2 - EPROM system configuration byte 2 register (address FD01H) bit
description
Bit
Symbol
Description
7, 6
SB2, SB1
EPROM security bits. See Table 53 for details.
5-0
-
Reserved for future use.
Table 50:
FOSC2-FOSC0 oscillator configuration…continued
FOSC2-FOSC0
Oscillator configuration
Table 53:
EPROM security bits
SB2
SB1
Protection description
1
1
Both security bits unprogrammed. No program security features
enabled. EPROM is programmable and verifiable.
1
0
Only security bit 1 programmed. Further EPROM programming is
disabled. Security bit 2 may still be programmed.
0
1
Only security bit 2 programmed. This combination is not supported.
0
0
Both security bits programmed. All EPROM verification and
programming are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com