Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC779FDH Datasheet(PDF) 17 Page - NXP Semiconductors

Part # P87LPC779FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779FDH Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button P87LPC779FDH Datasheet HTML 13Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 14Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 15Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 16Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 17Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 18Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 19Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 20Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
17 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
ADRead:
orl
ADCON,A
; Add in the new channel number.
setb ADCS
; Start A/D conversion.
ADChk:
jnb
ADCI,ADChk
; Wait for ADCI to be set.
mov
A,DAC0
; Get A/D result.
clr
ADCI
; Clear the A/D completion flag.
anl
ADCON,#0fch
; Clear the A/D channel number.
ret
8.5 Digital to Analog Converter (DAC) outputs
The P87LPC779 provides a two channel, 8-bit DAC function. DAC0 is also part of the
A/D Converter and is should not be enabled while the A/D is active. The DAC outputs
function down to a VDD of 3.0 V. Digital outputs must be disabled on the DAC output
pins while the corresponding DAC is enabled, as described in Section 8.2 “Analog
functions” on page 12.
The DACs use the power supply as the references: VDD as the upper reference and
VSS as the lower reference. The DAC output is generated by a tap from a resistor
ladder and is not buffered. The maximum resistance to VDD or VSS from a DAC output
is 10 k
Ω. Care must be taken with the loading of the DAC outputs in order to avoid
distortion of the output voltage. DAC accuracy is affected by noise generated on-chip
and elsewhere in the application. Since the P87LPC779 power pins are used for the
DAC references, the power supply also affects the accuracy of the DAC outputs.
The ideal DAC output may be calculated as follows:
(2)
where DAC Value is the contents of the relevant DAC register: DAC0 or DAC1.
8.6 Analog comparators
Two analog comparators are provided on the P87LPC779. Input and output options
allow use of the comparators in a number of different configurations. Comparator
operation is such that the output is a logic 1 (which may be read in a register and/or
routed to a pin) when the positive input (one of two selectable pins) is greater than the
Fig 6.
DAC block diagram.
Result
DAC value
0.5
+
()
V
DD
V
SS
–
256
--------------------------
×
=
D/A CONVERTER
V
REF
+ = V
DD
ADCON
DACn
V
REF
- = V
SS
DACn pin
ENDACn
002aaa817
(D/A conversion, write DACn)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com