Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC779FDH Datasheet(PDF) 18 Page - NXP Semiconductors

Part # P87LPC779FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779FDH Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button P87LPC779FDH Datasheet HTML 14Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 15Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 16Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 17Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 18Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 19Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 20Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 21Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
18 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
negative input (selectable from a pin or an internal reference voltage). Otherwise the
output is a zero. Each comparator may be configured to cause an interrupt when the
output value changes.
8.6.1
Comparator configuration
Each comparator has a control register, CMP1 for comparator 1 and CMP2 for
comparator 2. The control registers are identical and are shown in Tables 9 and 10.
The overall connections to both comparators are shown in Figure 7. There are eight
possible configurations for each comparator, as determined by the control bits in the
corresponding CMPn register: CPn, CNn, and OEn. These configurations are shown
in Figure 8. The comparators function down to a VDD of 3.0 V.
When each comparator is first enabled, the comparator output and interrupt flag are
not guaranteed to be stable for 10
µs. The corresponding comparator interrupt should
not be enabled during that time, and the comparator interrupt flag must be cleared
before the interrupt is enabled in order to prevent an immediate interrupt service.
Table 9:
CMPn - Comparator control registers CMP1 and CMP2 (address ACh for
CMP1, ADh for CMP2) bit allocation
Not bit addressable; Reset value: 00H
Bit
7
6
5
4
3
2
1
0
Symbol
-
-
CEn
CPn
CNn
OEn
COn
CMFn
Table 10:
CMPn - Comparator control registers CMP1 and CMP2 (address ACh for
CMP1, ADh for CMP2) bit description
Bit
Symbol
Description
7, 6
-
Reserved for future use. Should not be set to ‘1’ by user programs.
5
CEn
Comparator enable. When set by software, the corresponding
comparator function is enabled. Comparator output is stable 10
µs
after CEn is first set.
4
CPn
Comparator positive input select. When ‘0’, CINnA is selected as
the positive comparator input. When ‘1’, CINnB is selected as the
positive comparator input.
3
CNn
Comparator negative input select. When ‘0’, the comparator
reference pin CMPREF is selected as the negative comparator
input. When ‘1’, the internal comparator reference Vref is selected
as the negative comparator input.
2
OEn
Output enable. When ‘1’, the comparator output is connected to
the CMPn pin if the comparator is enabled (CEn = 1). This output
is asynchronous to the CPU clock.
1
COn
Comparator output, synchronized to the CPU clock to allow
reading by software. Cleared when the comparator is disabled
(CEn = 0).
0
CMFn
Comparator interrupt flag. This bit is set by hardware whenever the
comparator output COn changes state. This bit will cause a
hardware interrupt if enabled and of sufficient priority. Cleared by
software and when the comparator is disabled (CEn = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com