Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC779FDH Datasheet(PDF) 24 Page - NXP Semiconductors

Part # P87LPC779FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779FDH Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button P87LPC779FDH Datasheet HTML 20Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 21Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 22Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 23Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 24Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 25Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 26Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 27Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
24 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.7.4
Writing I2CON
Typically, for each bit in an I2C-bus message, a service routine waits for ATN = 1.
Based on DRDY, ARL, STR, and STP, and on the current bit position in the message,
it may then write I2CON with one or more of the following bits, or it may read or write
the I2DAT register.
CXA — Writing a ‘1’ to ‘Clear Xmit Active’ clears the Transmit Active state. (Reading
the I2DAT register also does this.)
8.7.5
Regarding Transmit Active
Transmit Active is set by writing the I2DAT register, or by writing I2CON with
XSTR = 1 or XSTP = 1. The I2C-bus interface will only drive the SDA line low when
Transmit Active is set, and the ARL bit will only be set to ‘1’ when Transmit Active is
set. Transmit Active is cleared by reading the I2DAT register, or by writing I2CON with
CXA = 1. Transmit Active is automatically cleared when ARL is ‘1’.
IDLE — Writing ‘1’ to ‘IDLE’ causes a slave’s I2C-bus hardware to ignore the I2C-bus
until the next start condition (but if MASTRQ is ‘1’, then a stop condition will cause
this device to become a master).
CDR — Writing a ‘1’ to ‘Clear Data Ready' clears DRDY. (Reading or writing the
I2DAT register also does this.)
CARL — Writing a ‘1’ to ‘Clear Arbitration Loss’ clears the ARL bit.
CSTR — Writing a ‘1’ to ‘Clear STaRt’ clears the STR bit.
CSTP — Writing a ‘1’ to ‘Clear SToP’ clears the STP bit. Note that if one or more of
DRDY, ARL, STR, or STP is ‘1’, the low time of SCL is stretched until the service
routine responds by clearing them.
XSTR — Writing ‘1’s to ‘Xmit repeated STaRt’ and CDR tells the I2C-bus hardware to
send a repeated start condition. This should only be at a master. Note that XSTR
need not and should not be used to send an ‘initial’ (non-repeated) start; it is sent
automatically by the I2C-bus hardware. Writing XSTR = ‘1’ includes the effect of
writing I2DAT with XDAT = ‘1’; it sets Transmit Active and releases SDA to HIGH
during the SCL low time. After SCL goes HIGH, the I2C-bus hardware waits for the
suitable minimum time and then drives SDA low to make the start condition.
XSTP — Writing 1s to ‘Xmit SToP’ and CDR tells the I2C-bus hardware to send a stop
condition. This should only be done at a master. If there are no more messages to
initiate, the service routine should clear the MASTRQ bit in I2CFG to ‘0’ before writing
XSTP with ‘1’. Writing XSTP = ‘1’ includes the effect of writing I2DAT with XDAT = ‘0’;
it sets Transmit Active and drives SDA low during the SCL low time. After SCL goes
HIGH, the I2C-bus hardware waits for the suitable minimum time and then releases
SDA to HIGH to make the stop condition.
Table 13:
I2DAT - I2C-bus data register (address D9H) bit allocation
Not bit addressable; Reset value: xxH
Bit
7
6
5
4
3
2
1
0
Symbol (R)
RDAT
-------
Symbol (W)
XDAT
-------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com