Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC779FDH Datasheet(PDF) 70 Page - NXP Semiconductors

Part # P87LPC779FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779FDH Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button P87LPC779FDH Datasheet HTML 66Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 67Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 68Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 69Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 70Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 71Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 72Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 73Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 74Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 70 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
70 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
12. Comparator electrical characteristics
[1]
This parameter is characterized, but not tested in production.
13. D/A electrical characteristics
Fig 30. External clock timing.
tCHCL
tCLCX
tCHCX
tC
tCLCH
002aaa416
0.2 VDD + 0.9
0.2 VDD - 0.1 V
VDD - 0.5 V
0.45 V
Table 58:
Comparator electrical characteristics
VDD = 2.7 V to 5.5 V unless otherwise specified.
Tamb = −40 °C to +85 °C for extended industrial, unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
VIO
Offset voltage comparator inputs[1]
--
±10
mV
VCR
Common mode range comparator inputs
0
-
VDD − 0.3 V
CMRR
Common mode rejection ratio[1]
--
−50
dB
Response time
-
250
500
ns
Comparator enable to output valid
-
-
10
µs
IIL
Input leakage current, comparator
0 < VIN < VDD
--
±10
µA
Table 59:
D/A electrical characteristics
VDD = 2.7 V to 5.5 V unless otherwise specified.
Tamb = −40 °C to +85 °C for extended industrial, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Analog output
VOA
output voltage
no resistive load
VSS
-VDD
V
RL = 100 k
0.975
× V
DD
-VDD
V
RL = 10 k
0.9
× VDD
-VDD
V
tDACrise
rise time 10 % to 90 % VDD
no load
-
100
-
ns
CL = 100 pF
-
500
-
ns
tDACfall
fall time 90 % to 10 % VDD
no load
-
80
-
ns
CL = 100 pF
-
500
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com