Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC779FDH Datasheet(PDF) 6 Page - NXP Semiconductors

Part # P87LPC779FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779FDH Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button P87LPC779FDH Datasheet HTML 2Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 3Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 4Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 5Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 6Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 7Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 8Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 9Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
6 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
P1.0 - P1.7
12-8, 4, 3,
2
I/O
Port 1: Port 1 is an 8-bit I/O port with a user-configurable output type, except for three
pins as noted below. Port 1 latches are configured in the quasi-bidirectional mode and
have either ones or zeros written to them during reset, as determined by the PRHI bit in
the UCFG1 configuration byte. The operation of the configurable port 1 pins as inputs
and outputs depends upon the port configuration selected. Each of the configurable
port pins are programmed independently. Refer to Section 8.9 “I/O ports” and Table 55
“DC electrical characteristics” for details.
Port 1 also provides various special functions as described below:
P1.0
12
O
TxD — Transmitter output for the serial port.
P1.1
11
I
RxD — Receiver input for the serial port.
P1.2
10
I/O
T0 — Timer/counter 0 external count input or overflow output.
I/O
SCL — I2C-bus serial clock input/output. When configured as an output, P1.2 is open
drain, in order to conform to I2C-bus specifications.
P1.3
9
I
INT0 — External interrupt 0 input.
I/O
SDA — I2C-bus serial data input/output. When configured as an output, P1.3 is open
drain, in order to conform to I2C-bus specifications.
P1.4
8
I
INT1 — External interrupt 1 input.
P1.5
4
I
RST — External Reset input (if selected via EPROM configuration). A LOW on this pin
resets the microcontroller, causing I/O ports and peripherals to take on their default
states, and the processor begins execution at address 0. When used as a port pin, P1.5
is a Schmitt trigger input only.
P1.6
3
O
DAC1 — Output from Digital to Analog Converter 1.
P1.7
2
O
DAC0 — Output from Digital to Analog Converter 0.
P2.0 - P2.1
7, 6
I/O
Port 2: Port 2 is a 2-bit I/O port with a user-configurable output type. Port 2 latches are
configured in the quasi-bidirectional mode and have either ones or zeros written to them
during reset, as determined by the PRHI bit in the UCFG1 configuration byte. The
operation of port 2 pins as inputs and outputs depends upon the port configuration
selected. Each port pin is configured independently. Refer to Section 8.9 “I/O ports” and
Table 55 “DC electrical characteristics” for details.
Port 2 also provides various special functions as described below:
P2.0
7
O
X2 — Output from the oscillator amplifier (when a crystal oscillator option is selected via
the EPROM configuration.
O
CLKOUT — CPU clock divided by 6 clock output when enabled via SFR bit and in
conjunction with internal RC oscillator or external clock input.
P2.1
6
I
X1 — Input to the oscillator circuit and internal clock generator circuits (when selected
via the EPROM configuration).
VSS
5I
Ground: 0 V reference.
VDD
15
I
Power Supply: This is the power supply voltage for normal operation as well as Idle
and Power-down modes.
Table 2:
Pin description…continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com