Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC779FDH Datasheet(PDF) 28 Page - NXP Semiconductors

Part # P87LPC779FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779FDH Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button P87LPC779FDH Datasheet HTML 24Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 25Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 26Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 27Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 28Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 29Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 30Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 31Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
28 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.8.1
External interrupt inputs
The P87LPC779 has two individual interrupt inputs as well as the Keyboard Interrupt
function. The latter is described separately elsewhere in this section. The two
interrupt inputs are identical to those present on the standard 80C51 microcontroller.
The external sources can be programmed to be level-activated or transition-activated
by setting or clearing bit IT1 or IT0 in Register TCON. If ITn = 0, external interrupt n is
triggered by a detected low at the INTn pin. If ITn = 1, external interrupt n is edge
triggered. In this mode if successive samples of the INTn pin show a high in one cycle
and a low in the next cycle, interrupt request flag IEn in TCON is set, causing an
interrupt request.
Since the external interrupt pins are sampled once each machine cycle, an input high
or low should hold for at least 6 CPU Clocks to ensure proper sampling. If the
external interrupt is transition-activated, the external source has to hold the request
pin high for at least one machine cycle, and then hold it low for at least one machine
cycle. This is to ensure that the transition is seen and that interrupt request flag IEn is
set. IEn is automatically cleared by the CPU when the service routine is called.
If the external interrupt is level-activated, the external source must hold the request
active until the requested interrupt is actually generated. If the external interrupt is still
asserted when the interrupt service routine is completed another interrupt will be
generated. It is not necessary to clear the interrupt flag IEn when the interrupt is level
sensitive, it simply tracks the input pin level.
If an external interrupt is enabled when the P87LPC779 is put into Power-down or
Idle mode, the interrupt will cause the processor to wake up and resume operation.
Refer to Section 8.12 “Power reduction modes” on page 38 for details.
A/D Converter
ADCI
005Bh
EAD (IEN1.4)
IP1H.4, IP1.4
6
Yes
Comparator 1 interrupt
CMF1
0063h
EC1 (IEN1.5)
IP1H.5, IP1.5
9
Yes
Timer I interrupt
-
0073h
ETI (IEN1.7)
IP1H.7, IP1.7
13 (lowest)
No
Table 19:
Summary of interrupts…continued
Description
Interrupt
Flag Bit(s)
Vector
Address
Interrupt
Enable Bit(s)
Interrupt
Priority
Arbitration
Ranking
Power-down
Wake-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com