Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC779FDH Datasheet(PDF) 21 Page - NXP Semiconductors

Part # P87LPC779FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779FDH Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button P87LPC779FDH Datasheet HTML 17Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 18Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 19Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 20Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 21Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 22Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 23Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 24Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
21 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
• Acknowledgment after each transferred byte.
• Multimaster bus.
• Arbitration between simultaneously transmitting masters without corruption of
serial data on bus.
The I2C-bus subsystem includes hardware to simplify the software required to drive
the I2C-bus. The hardware is a single bit interface which in addition to including the
necessary arbitration and framing error checks, includes clock stretching and a bus
timeout timer. The interface is synchronized to software either through polled loops or
interrupts. Refer to the application note AN422, in Section 4, entitled
‘Using the
8XC751 Microcontroller as an I2C-bus Master’ for additional discussion of the
87C77x I2C-bus interface and sample driver routines.
Six time spans are important in I2C-bus operation and are insured by timer I:
• The MINIMUM HIGH time for SCL when this device is the master.
• The MINIMUM LOW time for SCL when this device is a master. This is not very
important for a single-bit hardware interface like this one, because the SCL low
time is stretched until the software responds to the I2C-bus flags. The software
response time normally meets or exceeds the MIN LO time. In cases where the
software responds within MIN HI + MIN LO) time, timer I will ensure that the
minimum time is met.
• The MINIMUM SCL HIGH TO SDA HIGH time in a stop condition.
• The MINIMUM SDA HIGH TO SDA LOW time between I2C-bus stop and start
conditions (4.7 ms, see I2C-bus specification).
• The MINIMUM SDA LOW TO SCL LOW time in a start condition.
The MAXIMUM SCL CHANGE time while an I2C-bus frame is in progress. A frame is
in progress between a start condition and the following stop condition. This time span
serves to detect a lack of software response on this device as well as external
I2C-bus problems. SCL ‘stuck low’ indicates a faulty master or slave. SCL ‘stuck high’
may mean a faulty device, or that noise induced onto the I2C-bus caused all masters
to withdraw from I2C-bus arbitration.
The first five of these times are 4.7 ms (see I2C-bus specification) and are covered by
the low order three bits of timer I. Timer I is clocked by the 87LPC77987 CPU clock.
Timer I can be pre-loaded with one of four values to optimize timing for different
oscillator frequencies. At lower frequencies, software response time is increased and
will degrade maximum performance of the I2C-bus. See special function register
I2CFG description for prescale values (CT0, CT1).
The MAXIMUM SCL CHANGE time is important, but its exact span is not critical. The
complete 10 bits of timer I are used to count out the maximum time. When I2C-bus
operation is enabled, this counter is cleared by transitions on the SCL pin. The timer
does not run between I2C-bus frames (i.e., whenever reset or stop occurred more
recently than the last start). When this counter is running, it will carry out after 1020 to
1023 machine cycles have elapsed since a change on SCL. A carry out causes a
hardware reset of the I2C-bus interface. In cases where the bus hang-up is due to a
lack of software response by this device, the reset releases SCL and allows I2C-bus
operation among other devices to continue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com