Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC779FDH Datasheet(PDF) 49 Page - NXP Semiconductors

Part # P87LPC779FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779FDH Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button P87LPC779FDH Datasheet HTML 45Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 46Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 47Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 48Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 49Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 50Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 51Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 52Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
49 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
[1]
Tables 39 and 40 apply to UART modes 1 and 3 (variable rate modes), and show CPU clock rates in MHz for standard baud rates from
2400 to 115.2 kbaud.
[2]
Table 39 shows timer settings and CPU clock rates with the SMOD1 bit in the PCON register = 0 (the default after reset), while Table 40
reflects the SMOD1 bit = 1.
[3]
The tables show all potential CPU clock frequencies up to 20 MHz that may be used for baud rates from 9600 baud to 115.2 kbaud.
Other CPU clock frequencies that would give only lower baud rates are not shown.
[4]
Table entries marked with an asterisk (*) indicate standard crystal and ceramic resonator frequencies that may be obtained from many
sources without special ordering.
8.15.8
More about UART Mode 0
Serial data enters and exits through RxD. TxD outputs the shift clock. 8 bits are
transmitted/received: 8 data bits (LSB first). The baud rate is fixed at 1
⁄
6 the CPU
clock frequency. Figure 23 shows a simplified functional diagram of the serial port in
Mode 0, and associated timing.
Transmission is initiated by any instruction that uses SBUF as a destination register.
The ‘write to SBUF’ signal at S6P2 also loads a ‘1’ into the 9th position of the transmit
shift register and tells the TX Control block to commence a transmission. The internal
timing is such that one full machine cycle will elapse between ‘write to SBUF’ and
activation of SEND.
SEND enables the output of the shift register to the alternate output function line of
P3.0 and also enable SHIFT CLOCK to the alternate output function line of P3.1.
SHIFT CLOCK is low during S3, S4, and S5 of every machine cycle, and high during
S6, S1, and S2. At S6P2 of every machine cycle in which SEND is active, the
contents of the transmit shift are shifted to the right one position.
As data bits shift out to the right, zeros come in from the left. When the MSB of the
data byte is at the output position of the shift register, then the ‘1’ that was initially
loaded into the 9th position, is just to the left of the MSB, and all positions to the left of
that contain zeros. This condition flags the TX Control block to do one last shift and
then deactivate SEND and set T1. Both of these actions occur at S1P1 of the 10th
machine cycle after ‘write to SBUF.’ Reception is initiated by the condition REN = 1
and R1 = 0. At S6P2 of the next machine cycle, the RX Control unit writes the bits
11111110 t o the receive shift register, and in the next clock phase activates
RECEIVE.
−15
3.4560
6.9120
13.8240
-
-
-
-
−16
* 3.6864
* 7.3728
* 14.7456
-
-
-
-
−17
3.9168
7.8336
15.6672
-
-
-
-
−18
4.1472
8.2944
16.5888
-
-
-
-
−19
4.3776
8.7552
17.5104
-
-
-
-
−20
4.6080
9.2160
* 18.4320
-
-
-
-
−21
4.8384
9.6768
19.3536
-
-
-
-
Table 40:
Baud rates, timer values, and CPU clock frequencies for SMOD1 = 1…continued
Timer Value
Baud Rate
2400
4800
9600
19.2 k
38.4 k
57.6 k
115.2 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com