Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 61 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer with Coax or STP Cable Input
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 61 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 57Page - Maxim Integrated Products MAX96708 Datasheet HTML 58Page - Maxim Integrated Products MAX96708 Datasheet HTML 59Page - Maxim Integrated Products MAX96708 Datasheet HTML 60Page - Maxim Integrated Products MAX96708 Datasheet HTML 61Page - Maxim Integrated Products MAX96708 Datasheet HTML 62Page - Maxim Integrated Products MAX96708 Datasheet HTML 63Page - Maxim Integrated Products MAX96708 Datasheet HTML 64Page - Maxim Integrated Products MAX96708 Datasheet HTML 65Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 68 page
background image
UART
Set I2CSEL = 0 to configure the control channel for UART
or UART to I2C. In this mode, the control channel for-
wards UART commands from the microcontroller side to
the other side of the GMSL link. When INTTYPE = 00, the
remote device acts as an I2C master to the other periph-
erals connected to the remote side device. UART-to-I2C
mode does not support devices that use clock stretching.
Base Mode
In base mode, UART packets control the serializer, dese-
rializer and attached peripherals.
UART Timing
In base mode, the UART idles high (through a pullup
resistor). Each GMSL-UART byte consists of a START
bit, 8 data bits, an even-parity bit and a stop bit (Figure
19). Keep the idle time between bytes of the same UART
packet to less than 4 bit times. The GMSL-UART protocol
is listed in Figure 20. A write packet consists of a SYNC
byte (Figure 21). Device address byte, Starting register
address byte, number of bytes to write, and the data
bytes. The slave device responds with an acknowledge
byte (Figure 22) if the write was successful. A Read pack-
et consists of a SYNC byte, Device address byte, Starting
register address byte, and number of bytes to read. The
slave device responds with an acknowledge byte and the
read data bytes.
Figure 21. SYNC Byte (0x79)
Figure 22. ACK Byte (0xC3)
Figure 19. GMSL-UART Data Format for Base Mode
Figure 20. GMSL-UART Protocol for Base Mode
START
D0
1
0
0
1
1
1
1
0
D1
D2
D3
D4
D5
D6
D7
PARITY STOP
START
D0
1
1
0
0
0
0
1
1
D1
D2
D3
D4
D5
D6
D7
PARITY STOP
START
D0
D1
D2
D3
D4
D5
D6
D7
PARITY*
STOP
1 UART FRAME
FRAME 1
FRAME 2
FRAME 3
*BASE MODE USES EVEN PARITY
START
STOP
START
STOP
WRITE DATA FORMAT
SYNC
REG ADDR NUMBER OF BYTES
SYNC
DEV ADDR + R/W REG ADDR NUMBER OF BYTES
BYTE 1
BYTE N
ACK
BYTE N
BYTE 1
ACK
MASTER READS FROM SLAVE
READ DATA FORMAT
MASTER WRITES TO SLAVE
MASTER WRITES TO SLAVE
MASTER READS FROM SLAVE
DEV ADDR + R/W
www.maximintegrated.com
Maxim Integrated │ 61
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com