Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer with Coax or STP Cable Input
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 15Page - Maxim Integrated Products MAX96708 Datasheet HTML 16Page - Maxim Integrated Products MAX96708 Datasheet HTML 17Page - Maxim Integrated Products MAX96708 Datasheet HTML 18Page - Maxim Integrated Products MAX96708 Datasheet HTML 19Page - Maxim Integrated Products MAX96708 Datasheet HTML 20Page - Maxim Integrated Products MAX96708 Datasheet HTML 21Page - Maxim Integrated Products MAX96708 Datasheet HTML 22Page - Maxim Integrated Products MAX96708 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
PIN
NAME
FUNCTION
REF SUPPLY
TYPE
20
DOUT7/
ADD1
Parallel-Data Output/Address Input with Internal Pulldown to EP.
ADD1 is latched at power-up, or when resuming from power-down
mode (PWDNB = low), and switches to parallel-data output after
power-up. Connect ADD1 to IOVDD with a 30kΩ resistor to set
high, or leave open to set low.
IOVDD
Digital
23
DOUT6/
ADD0
Parallel-Data Output/Address Input with Internal Pulldown to EP.
ADD0 is latched at power-up, or when resuming from power-down
mode (PWDNB = low), and switches to parallel-data output after
power-up. Connect ADD0 to IOVDD with a 30kΩ resistor to set
high, or leave open to set low.
IOVDD
Digital
24
DOUT5/HIM
Parallel-Data Output/High-Immunity Mode Input with Internal
Pulldown to EP. HIM input latched at power-up, or when resuming
from power-down mode (PWDNB = low), and switches to parallel-
data output after power-up. Connect HIM to IOVDD with a 30kΩ
resistor to set high, or leave open to set low. HIGHIMM in the
serializer must be set to the same value.
IOVDD
Digital
High-Speed Digital / Single Function
21
PCLKOUT
Parallel-Clock Output. Provides timing signal to latch parallel-data
outputs to the input of another device.
IOVDD
Digital
25
DOUT4
Parallel-Data Output
IOVDD
Digital
26
DOUT3
Parallel-Data Output
IOVDD
Digital
29
DOUT2
Parallel-Data Output
IOVDD
Digital
30
DOUT1
Parallel-Data Output
IOVDD
Digital
31
DOUT0
Parallel-Data Output
IOVDD
Digital
LINE FAULT
2
LMN1
Line-Fault Monitor Input 1 (see Figure 4)
Analog
8
LMN0
Line-Fault Monitor Input 0 (see Figure 4)
Analog
28
LFLTB
Line-Fault Output. LFLTB is active low, and has a 60kΩ internal pullup
to IOVDD. LFLTB low indicates a line-fault condition at LMN0, or
LMN1. LFLTB is output high when PWDNB is low.
IOVDD
Digital
OTHER PINS
1
GPI
General-Purpose Input with Internal Pulldown to EP. Serializer
GPO (or INT) output follows the state of the GPI.
IOVDD
Digital
3
IN1+
Noninverting CML Serial-Data Input 1. Coax input when CXTP
is high.
4
IN1-
Inverting CML Serial-Data Input 1
6
IN0+
Noninverting CML Serial-Data Input 0. Coax input when CXTP
is high.
7
IN0-
Inverting CML Serial-Data Input 0
9
RX/SDA
Receive/Serial Data. Input/output with internal 30kΩ pullup to
IOVDD. In UART mode, RX/SDA is the Rx input of the
serializer's UART. In I2C mode, RX/SDA is the SDA input/output
of the serializer's I2C master/slave. RX/SDA has an open-drain
driver and requires a pullup resistor.
IOVDD
Digital
Pin Description (continued)
www.maximintegrated.com
Maxim Integrated │ 19
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com