Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer with Coax or STP Cable Input
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 12Page - Maxim Integrated Products MAX96708 Datasheet HTML 13Page - Maxim Integrated Products MAX96708 Datasheet HTML 14Page - Maxim Integrated Products MAX96708 Datasheet HTML 15Page - Maxim Integrated Products MAX96708 Datasheet HTML 16Page - Maxim Integrated Products MAX96708 Datasheet HTML 17Page - Maxim Integrated Products MAX96708 Datasheet HTML 18Page - Maxim Integrated Products MAX96708 Datasheet HTML 19Page - Maxim Integrated Products MAX96708 Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
(VAVDD = VDVDD = VIOVDD = 1.8V, TA = +25°C, unless otherwise noted.)
Typical Operating Characteristics
40
50
60
70
80
90
100
15
35
55
75
95
115
PIXEL CLOCK FREQUENCY (MHz)
SUPPLY CURRENT vs.
PIXEL CLOCK FREQUENCY (BWS = 0)
toc01
PRBS ON,
COAX MODE
EQ OFF
EQ ON
DBL = 1
DBL = 0
0
10
20
30
40
50
60
70
0
5
10
15
20
25
STP CABLE LENGTH (m)
MAXIMUM PIXEL CLOCK FREQUENCY vs.
STP CABLE LENGTH (BER < 10-10)
toc03
BER CAN BE AS LOW AS 10-12 FOR
CABLE LENGTHS LESS THAN 15m
AEQ
NO EQ
4.3dB EQ
9.7dB EQ
NO PE, DBL = 0
40
50
60
70
80
90
100
10
30
50
70
90
PIXEL CLOCK FREQUENCY (MHz)
SUPPLY CURRENT vs.
PIXEL CLOCK FREQUENCY (BWS = 1)
toc02
PRBS ON,
COAX MODE
EQ OFF
EQ ON
DBL = 1
DBL = 0
0
10
20
30
40
50
60
70
0
10
20
30
40
COAX CABLE LENGTH (m)
MAXIMUM PIXEL CLOCK FREQUENCY vs.
COAX CABLE LENGTH (BER < 10-10)
toc04
BER CAN BE AS LOW AS 10-12 FOR
CABLE LENGTHS LESS THAN 15m
AEQ
NO EQ
4.3dB EQ
NO PE, DBL = 0
Maxim Integrated │ 16
www.maximintegrated.com
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com