Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 65 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer with Coax or STP Cable Input
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 65 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 60Page - Maxim Integrated Products MAX96708 Datasheet HTML 61Page - Maxim Integrated Products MAX96708 Datasheet HTML 62Page - Maxim Integrated Products MAX96708 Datasheet HTML 63Page - Maxim Integrated Products MAX96708 Datasheet HTML 64Page - Maxim Integrated Products MAX96708 Datasheet HTML 65Page - Maxim Integrated Products MAX96708 Datasheet HTML 66Page - Maxim Integrated Products MAX96708 Datasheet HTML 67Page - Maxim Integrated Products MAX96708 Datasheet HTML 68Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 65 / 68 page
background image
Compatibility with Other GMSL Devices
The MAX96708 is designed to pair with the MAX96705−
MAX96711 family of SerDes devices, but interoperates
with any GMSL device. See Table 10 for operating limita-
tions.
Device Configuration and Component Selection
Internal Input Pulldowns
The control and configuration inputs include a pulldown
resistor to GND. External pulldown resistors are not needed.
Multifunction Inputs
The device has several inputs/outputs that function both
as a parallel input/output and as a configuration pin. On
power-up, or when reverting from a power-down state,
the pins act as configuration inputs. After latching the
input state, the configuration inputs become parallel
digital input/outputs. Connect a configuration input through
a 30kΩ resistor to IOVDD to set a high level. Leave the
configuration input open to set a low level.
I2C/UART Pullup Resistors
The I2C and UART open-drain lines require a pullup
resistor to provide a logic-high level. There are tradeoffs
between power dissipation and speed, and a compromise
may be required when choosing pullup resistor values.
Every device connected to the bus introduces some
capacitance even when the device is not in operation. I2C
specifies 300ns rise times (30% to 70%) for fast mode,
which is defined for data rates up to 400kbps. See the
I2C specifications in the I2C/UART Port Timing section in
the AC Electrical Characteristics table for details. To meet
the fast-mode rise-time requirement, choose the pullup
resistors so that rise time tR = 0.85 x RPULLUP x CBUS <
300ns. The waveforms are not recognized if the transition
time becomes too slow. GMSL supports I2C/UART rates
up to 1Mbps (UART-to-I2C mode) and 400kbps (I2C-to-
I2C mode).
AC-Coupling Capacitors
Voltage droop and the digital sum variation (DSV) of
transmitted symbols cause signal transitions to start from
different voltage levels. Because the transition time is fixed,
starting the signal transition from different voltage levels
causes timing jitter. The time constant for an AC-coupled
link needs to be chosen to reduce droop and jitter to an
acceptable level. The RC network for an AC-coupled link
consists of the CML/coax receiver termination resistor
(RTR), the CML/coax driver termination resistor (RTD),
and the series AC-coupling capacitors (C). The RC time
constant for four equal-value series capacitors is (C x
(RTD + RTR))/4. RTD and RTR are required to match the
transmission line impedance (usually 100Ω differential,
50Ω single-ended). This leaves the capacitor selection to
change the system time constant. Use 0.22μF or larger
high-frequency surface-mount ceramic capacitors, with
sufficient voltage rating to withstand a short to battery, to
pass the lower-speed reverse control-channel signal. Use
capacitors with a case size less than 3.2mm x 1.6mm to
have lower parasitic effects to the high-speed signal.
Cables and Connectors
Interconnect for CML typically has a differential imped-
ance of 100Ω. Use cables and connectors that have
matched differential impedance to minimize impedance
discontinuities. Coax cables typically have a characteristic
impedance of 50Ω (contact the factory for 75Ω operation).
Table 11 lists the suggested cables and connectors used
in the GMSL link.
DESERIALIZER FEATURE
GMSL SERIALIZER
HSYNC/VSYNC encoding
If feature not supported in the serializer, turn off in the deserializer.
I2C-to-I2C
If feature not supported in the serializer, use UART-to-I2C or UART-to-UART.
CRC error detection
If feature not supported in the serializer, turn off in the deserializer.
Double input
If feature not supported in the serializer, data is output as a single word at half the input
frequency. Use Crossbar switch to correct input mapping.
Coax
If feature not supported in the serializer, connect unused serial input through 200nF
and 50Ω in series to AVDD, and set the reverse control-channel amplitude to 100mV.
I2S encoding
If supported in the serializer, disable I2S in the serializer
High-immunity mode
If feature not supported in the serializer, turn off in the deserializer.
Table 10. Feature Compatibility
www.maximintegrated.com
Maxim Integrated │ 65
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com