Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer with Coax or STP Cable Input
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX96708 Datasheet HTML 1Page - Maxim Integrated Products MAX96708 Datasheet HTML 2Page - Maxim Integrated Products MAX96708 Datasheet HTML 3Page - Maxim Integrated Products MAX96708 Datasheet HTML 4Page - Maxim Integrated Products MAX96708 Datasheet HTML 5Page - Maxim Integrated Products MAX96708 Datasheet HTML 6Page - Maxim Integrated Products MAX96708 Datasheet HTML 7Page - Maxim Integrated Products MAX96708 Datasheet HTML 8Page - Maxim Integrated Products MAX96708 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
General Description
The MAX96708 is a compact deserializer especially suited
for automotive camera applications. Features include
adaptive equalization and an output crosspoint switch. An
embedded control channel operates at 9.6kbps to 1Mbps
in UART, I2C, and mixed UART/I2C modes, allowing
programming of serializer, deserializer (SerDes), and
camera registers, independent of video timing.
The deserializer can track data from a spread-
spectrum serial input. The serial input meets ISO 10605
and IEC 61000-4-2 ESD standards. The core supply
range is 1.7V to 1.9V and the I/O supply range is 1.7V
to 3.6V. The device is available in a 32-pin (5mm x 5mm)
TQFN package with 0.5mm lead pitch and operates over
-40ºC to +115ºC temperature range.
Applications
● Automotive Camera Applications
Benefits and Features
● Ideal for Safety Camera Applications
• Works with Low-Cost 50Ω Coax (100Ω STP) Cable
• Error Detection of Video/Control Data
• High-Immunity Mode for Robust Control-Channel
EMC Tolerance
• Best-in-Class Supply Current: 185mA (max)
• Adaptive Equalization for 15m Cable at Full Speed
• 32-Pin (5mm x 5mm) TQFN Package
• Horizontal- and Vertical-Sync Encoding
and Tracking
● High-Speed Deserialization for Megapixel Cameras
• Up to 1.74Gbps Serial-Bit Rate
• 6.25MHz to 87MHz x 12-Bit + H/V Data
• 36.66MHz to 116MHz x 11-Bit + H/V Data
● Multiple Modes for System Flexibility
• 9.6kbps to 1Mbps Control Channel in UART,
• I2C (with Clock Stretch), or UART-to-I2C Modes
• 2:1 Input Mux for Camera Selection
• 15 Hardware-Selectable I2C-Device Addresses
• Pairs with Any Maxim GMSL Serializer
• Crosspoint Switch Maps Data to any Output
● Reduces EMI and Shielding Requirements
• Spread-Spectrum Serial-Input Tracking and Transfer
to the Parallel Output
• 1.7V to 1.9V Core and 1.7V to 3.6V I/O Supply
● Peripheral Features for System Verification
• Built-In PRBS Receiver for BER Testing
• Dedicated “Up/Down” GPI for Camera Frame Sync
Trigger and Other Uses
● Meets AEC-Q100 Automotive Specification
• -40°C to +115°C Operating Temperature Range
• ±8kV Contact and ±15kV Air IEC 61000-4-2 and
ISO 10605 ESD Protection
Ordering Information appears at end of data sheet.
19-7784; Rev 1; 3/17
Simplified Block Diagram
CAM
MAX96709
MAX96708
VIDEO
I2C
GPU
VIDEO
I2C
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input
EVALUATION KIT AVAILABLE


Similar Part No. - MAX96708

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX96708 MAXIM-MAX96708 Datasheet
1Mb / 68P
14-Bit GMSL Deserializer
Rev 0; 2/16
MAX96708COAXEVKIT# MAXIM-MAX96708COAXEVKIT# Datasheet
6Mb / 38P
MAX96706/MAX96708 with Coax or STP Cable
19-8258; Rev 0; 1/16
MAX96708GTJ+ MAXIM-MAX96708GTJ+ Datasheet
1Mb / 68P
14-Bit GMSL Deserializer
Rev 0; 2/16
MAX96708GTJ+T MAXIM-MAX96708GTJ+T Datasheet
1Mb / 68P
14-Bit GMSL Deserializer
Rev 0; 2/16
MAX96708GTJ/V+ MAXIM-MAX96708GTJ/V+ Datasheet
1Mb / 68P
14-Bit GMSL Deserializer
Rev 0; 2/16
More results

Similar Description - MAX96708

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9273 MAXIM-MAX9273 Datasheet
3Mb / 49P
22-Bit GMSL Serializer with Coax or STP Cable Drive
Rev 0; 6/12
MAX9271 MAXIM-MAX9271 Datasheet
3Mb / 49P
16-Bit GMSL Serializer with Coax or STP Cable Drive
Rev 0; 7/12
MAX9272 MAXIM-MAX9272 Datasheet
2Mb / 47P
28-Bit GMSL Deserializer for Coax or STP Cable
Rev 0; 6/12
MAX9271 MAXIM-MAX9271_14 Datasheet
1Mb / 49P
16-Bit GMSL Serializer with Coax or STP Cable Drive
Rev 1; 11/12
MAX96706 MAXIM-MAX96706 Datasheet
1Mb / 73P
14-Bit GMSL Deserializer with Coax or STP Cable Input
Rev 0; 4/16
MAX96708 MAXIM-MAX96708 Datasheet
1Mb / 68P
14-Bit GMSL Deserializer
Rev 0; 2/16
MAX9272A MAXIM-MAX9272A Datasheet
1Mb / 47P
28-Bit GMSL Deserializer for Coax or STP Cable
Rev 0; 5/14
MAX96706 MAXIM-MAX96706_V01 Datasheet
1Mb / 73P
14-Bit GMSL Deserializer with Coax or STP Cable Input
19-8248; Rev 2; 11/18
MAX9273 MAXIM-MAX9273_V01 Datasheet
2Mb / 49P
22-Bit GMSL Serializer with Coax or STP Cable Drive
19-6384; Rev 1; 11/12
MAX96700 MAXIM-MAX96700 Datasheet
1Mb / 73P
14-Bit GMSL Deserializer with Coax or STP Cable Input
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com