Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 37 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer with Coax or STP Cable Input
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 37 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 33Page - Maxim Integrated Products MAX96708 Datasheet HTML 34Page - Maxim Integrated Products MAX96708 Datasheet HTML 35Page - Maxim Integrated Products MAX96708 Datasheet HTML 36Page - Maxim Integrated Products MAX96708 Datasheet HTML 37Page - Maxim Integrated Products MAX96708 Datasheet HTML 38Page - Maxim Integrated Products MAX96708 Datasheet HTML 39Page - Maxim Integrated Products MAX96708 Datasheet HTML 40Page - Maxim Integrated Products MAX96708 Datasheet HTML 41Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
eqtune (0x05)
BIT
7
6
5
4
3
2
1
0
Field
I2C-
METHOD
DCS
HVTR_
MODE
EN_EQ
EQTUNE[3:0]
Reset
0b
0b
1b
1b
1001b
Access Type Write, Read Write, Read Write, Read Write, Read
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
I2CMETHOD
7
I2C Method: Skip register address when
converting UART to I2C
0: Send the register address during UART-to-I2C
conversion
1: Do not send the register address during
UART-to-I2C conversion
DCS
6
Driver Current Selection: Driver current
selection for CMOS outputs
0: Set device for normal operation
1: Increase CMOS driver current
HVTR_MODE
5
HV Tracking Mode: HV tracking allows
continuous HSYNC format
0: Use partial periodic HV tracking
1: Use partial and full periodic HV tracking
EN_EQ
4
Enable Equalizer: Enable equalizer for
manual and adaptive modes
0: Disable equalization
1: Enable equalization
EQTUNE
3:0
Equalizer Tune: Equalizer boost level at
750MHz (effective when Adaptive EQ is
turned off)
0000: 1.6dB manual EQ setting
0001: 2.1dB manual EQ setting
0010: 2.8dB manual EQ setting
0011: 3.5dB manual EQ setting
0100: 4.3dB manual EQ setting
0101: 5.2dB manual EQ setting
0110: 6.3dB manual EQ setting
0111: 7.3dB manual EQ setting
1000: 8.5dB manual EQ setting
1001: 9.7dB manual EQ setting
1010: 11dB manual EQ setting
1011: 12.2dB manual EQ setting
11XX:
Do Not Use
www.maximintegrated.com
Maxim Integrated │ 37
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com