Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 36 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer with Coax or STP Cable Input
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 36 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 32Page - Maxim Integrated Products MAX96708 Datasheet HTML 33Page - Maxim Integrated Products MAX96708 Datasheet HTML 34Page - Maxim Integrated Products MAX96708 Datasheet HTML 35Page - Maxim Integrated Products MAX96708 Datasheet HTML 36Page - Maxim Integrated Products MAX96708 Datasheet HTML 37Page - Maxim Integrated Products MAX96708 Datasheet HTML 38Page - Maxim Integrated Products MAX96708 Datasheet HTML 39Page - Maxim Integrated Products MAX96708 Datasheet HTML 40Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
invpinl (0x03)
BIT
7
6
5
4
3
2
1
0
Field
INVPINL[7:0]
Reset
00000000b
Access Type
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
INVPINL
7:0
Invert Output Pins Low: Invert output pins
D0–D7
XXXXXXX0: Do not invert D0
XXXXXXX1: Invert D0
XXXXXX0X: Do not invert D1
XXXXXX1X: Invert D1
XXXXX0XX: Do not invert D2
XXXXX1XX: Invert D2
XXXX0XXX: Do not invert D3
XXXX1XXX: Invert D3
XXX0XXXX: Do not invert D4
XXX1XXXX: Invert D4
XX0XXXXX: Do not invert D5
XX1XXXXX: Invert D5
X0XXXXXX: Do not invert D6
X1XXXXXX: Invert D6
0XXXXXXX: Do not invert D7
1XXXXXXX: Invert D7
main config (0x04)
BIT
7
6
5
4
3
2
1
0
Field
LOCKED
OUTENB
PRBSEN
SLEEP
INTTYPE[1:0]
REVCCEN
FWDCCEN
Reset
Xb
0b
0b
0b
01b
1b
1b
Access Type
Read Only
Write, Read Write, Read Write, Read
Write, Read
Write, Read Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
LOCKED
7
LOCK Output: LOCK output pin level
0: Video link not locked
1: Video link locked
OUTENB
6
Outputs Enable Bar: Disable outputs
0: Enable DOUT_outputs
1: Disable DOUT_ outputs
PRBSEN
5
PRBS Test Enable
0: Set device for normal operation
1: Enable PRBS test
SLEEP
4
Sleep Mode: Activate sleep mode
0: Set device for normal operation
1: Put device into sleep mode
INTTYPE
3:2
Interface Type: Local control-channel interface
when I2CSEL = 0
00: UART-to-I2C conversion
01: UART
1X: Disable local control channel
REVCCEN
1
Reverse Control-Channel Enable: Enable
reverse control channel from deserializer
0: Disable reverse control-channel receiver
1: Enable reverser control-channel receiver
FWDCCEN
0
Forward Control-Channel Enable: Enable
forward control channel to deserializer
0: Disable forward control-channel transmitter
1: Enable forward control-channel transmitter
www.maximintegrated.com
Maxim Integrated │ 36
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com