Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 35 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer with Coax or STP Cable Input
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 35 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 31Page - Maxim Integrated Products MAX96708 Datasheet HTML 32Page - Maxim Integrated Products MAX96708 Datasheet HTML 33Page - Maxim Integrated Products MAX96708 Datasheet HTML 34Page - Maxim Integrated Products MAX96708 Datasheet HTML 35Page - Maxim Integrated Products MAX96708 Datasheet HTML 36Page - Maxim Integrated Products MAX96708 Datasheet HTML 37Page - Maxim Integrated Products MAX96708 Datasheet HTML 38Page - Maxim Integrated Products MAX96708 Datasheet HTML 39Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
seraddr (0x00)
BIT
7
6
5
4
3
2
1
0
Field
SERADDR[6:0]
RSVD
Reset
1000000b
0b
Access Type
Write, Read
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
SERADDR
7:1
Serializer Address: Serializer device address
0000000: I2C write/read address is 0x00, 0x01
0000001: I2C write/read address is 0x02, 0x03
XXXXXXX: I2C write/read address is XXXXXXX0,
XXXXXXX1
1111111: I2C write/read address is 0xFE, 0xFF
RSVD
0
Reserved: Do not change from default value
0: Reserved
desaddr (0x01)
BIT
7
6
5
4
3
2
1
0
Field
DESADDR[6:0]
CFGBLOCK
Reset
XXXXXXXb
0b
Access Type
Write, Read
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
DESADDR
7:1
Deserializer Address: Deserializer device address
(initial value depends on ADD3, ADD2, ADD1, and
ADD0 pin settings latched at power-up)
0000000: I2C write/read address is 0x00, 0x01
0000001: I2C write/read address is 0x02, 0x03
XXXXXXX: I2C write/read address is XXXXXXX0,
XXXXXXX1
1111111: I2C write/read address is 0xFE, 0xFF
CFGBLOCK
0
Configuration Block. When 1, make all registers
read only
0: Set all write/read registers as writable
1: Set all registers as read only
invpinh (0x02)
BIT
7
6
5
4
3
2
1
0
Field
INVPINH[5:0]
SRNG[1:0]
Reset
000000b
11b
Access Type
Write, Read
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
INVPINH
7:2
Invert Output Pins High: Invert output pins
D8–D13
XXXXX0: Do not invert D8
XXXXX1: Invert D8
XXXX0X: Do not invert D9
XXXX1X: Invert D9
XXX0XX: Invert D10
XXX1XX: Do not invert D10
XX0XXX: Do not invert D11
XX1XXX: Invert D11
X0XXXX: Do not invert D12
X1XXXX: Invert D12
0XXXXX: Do not invert D13
1XXXXX: Invert D13
SRNG
1:0
Serial Data-Rate Range
00: 0.5 to 1Gbps
01: 1 to 1.74Gbps
1X: Autodetect serial range
www.maximintegrated.com
Maxim Integrated │ 35
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com