Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 42 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer with Coax or STP Cable Input
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 42 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 38Page - Maxim Integrated Products MAX96708 Datasheet HTML 39Page - Maxim Integrated Products MAX96708 Datasheet HTML 40Page - Maxim Integrated Products MAX96708 Datasheet HTML 41Page - Maxim Integrated Products MAX96708 Datasheet HTML 42Page - Maxim Integrated Products MAX96708 Datasheet HTML 43Page - Maxim Integrated Products MAX96708 Datasheet HTML 44Page - Maxim Integrated Products MAX96708 Datasheet HTML 45Page - Maxim Integrated Products MAX96708 Datasheet HTML 46Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
det_thr (0x0E)
BIT
7
6
5
4
3
2
1
0
Field
DET_THR[7:0]
Reset
00000000b
Access Type
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
DET_THR
7:0
Detected Errors Threshold: Threshold for de-
tected errors
00000000: Value is 0
00000001: Value is 1, XXXXXXXX
11111111: Value is 255
filt_track (0x0F)
BIT
7
6
5
4
3
2
1
0
Field
GMSL_IN_
SEL
EN_DE_
FILT
EN_HS_
FILT
EN_VS_
FILT
DE_EN
HTRACK
VTRACK
PRBS_
TYPE
Reset
0b
0b
0b
0b
0b
0b
0b
1b
Access Type Write, Read Write, Read Write, Read Write, Read Write, Read Write, Read Write, Read Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
GMSL_IN_SEL
7
Select GMSL Input
0: Select IN0+, IN0-
1: Select IN1+, IN1-
EN_DE_FILT
6
Enable DE Glitch Filtering: Enable glitch filtering
on DOUT11
0: Disable glitch filtering on DOUT11
1: Enable glitch filtering on DOUT11
EN_HS_FILT
5
Enable HS Glitch Filtering: Enable glitch filtering
on DOUT12
0: Disable glitch filtering on DOUT12
1: Enable glitch filtering on DOUT12
EN_VS_FILT
4
Enable VS Glitch Filtering: Enable glitch filtering
on DOUT13
0: Disable glitch filtering on DOUT13
1: Enable glitch filtering on DOUT13
DE_EN
3
DE Processing Enable: Enable processing
separate HS and DE signals
0: Disable processing HS and DE signals
1: Enable processing HS and DE signals
HTRACK
2
HS Tracking Enable
0: Disable HS tracking
1: Enable HS tracking
VTRACK
1
VS Tracking Enable
0: Disable VS tracking
1: Enable VS tracking
PRBS_TYPE
0
PRBS Type Select: PRBS type select
0: GMSL default style PRBS test
1: MAX9272 style PRBS
www.maximintegrated.com
Maxim Integrated │ 42
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com