Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer with Coax or STP Cable Input
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 7Page - Maxim Integrated Products MAX96708 Datasheet HTML 8Page - Maxim Integrated Products MAX96708 Datasheet HTML 9Page - Maxim Integrated Products MAX96708 Datasheet HTML 10Page - Maxim Integrated Products MAX96708 Datasheet HTML 11Page - Maxim Integrated Products MAX96708 Datasheet HTML 12Page - Maxim Integrated Products MAX96708 Datasheet HTML 13Page - Maxim Integrated Products MAX96708 Datasheet HTML 14Page - Maxim Integrated Products MAX96708 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
(VDVDD = VAVDD = 1.7 to 1.9V, VIOVDD = 1.7V to 3.6V, RL = 100Ω ±1% (differential), EP connected to PCB ground, TA = -40°C to
+115°C, Typical values are at, VDVDD = VAVDD = VIOVDD = 1.8V, TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Worst-Case Supply Current
(Figure 5)
IWCS
fPCLKOUT = 116MHz, BWS = 0, double
output, AVDD + DVDD (1.9V)
95
115
fPCLKOUT = 116MHz, BWS = 0, double
output, IOVDD (1.9V) CL = 5pF
(DCS = 0) (Note 3)
22
25
fPCLKOUT = 116MHz, BWS = 0, double
output, IOVDD (1.9V), CL = 10pF
(DCS = 1) (Note 3)
31
35
fPCLKOUT = 116MHz, BWS = 0, double
output, IOVDD (3.6V), CL = 5pF
(DCS = 0) (Note 3)
44
49
fPCLKOUT = 116MHz, BWS = 0, double
output, IOVDD (3.6V), CL = 10pF
(DCS = 1) (Note 3)
63
70
fPCLKOUT = 87MHz, BWS = 1, double
output, IOVDD (1.9V), AVDD + DVDD
(1.9V)
95
115
fPCLKOUT = 87MHz, BWS = 1, double
output, IOVDD (1.9V), CL = 5pF (DCS = 0)
(Note 3)
17
19
fPCLKOUT = 87MHz, BWS = 1, double
output, IOVDD (1.9V), CL = 10pF
(DCS = 1) (Note 3)
24
27
fPCLKOUT = 87MHz, BWS = 1, double
output, IOVDD (3.6V), CL = 5pF (DCS = 0)
(Note 3)
33
36
fPCLKOUT = 87MHz, BWS = 1, double
output, IOVDD (3.6V), CL = 10pF
(DCS = 1) (Note 3)
44
49
fPCLKOUT = 58MHz, BWS = 0, single
output, AVDD + DVDD (1.9V)
70
84
fPCLKOUT = 58MHz, BWS = 0, single
output, IOVDD (1.9V), CL = 5pF
(DCS = 0) (Note 3)
11
13
fPCLKOUT = 58MHz, BWS = 0, single
output, IOVDD (3.6V), CL = 10pF
(DCS = 1) (Note 3)
15
18
DC Electrical Characteristics (continued)
www.maximintegrated.com
Maxim Integrated │ 11
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com