Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 28 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer with Coax or STP Cable Input
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 28 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 24Page - Maxim Integrated Products MAX96708 Datasheet HTML 25Page - Maxim Integrated Products MAX96708 Datasheet HTML 26Page - Maxim Integrated Products MAX96708 Datasheet HTML 27Page - Maxim Integrated Products MAX96708 Datasheet HTML 28Page - Maxim Integrated Products MAX96708 Datasheet HTML 29Page - Maxim Integrated Products MAX96708 Datasheet HTML 30Page - Maxim Integrated Products MAX96708 Datasheet HTML 31Page - Maxim Integrated Products MAX96708 Datasheet HTML 32Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
32-Bit Mode (Figure 15)
When BWS = 1 the 40-bit serial packet corresponds with four 8b/10b symbols, representing 32 bits (32-bit mode). After
parity and control channel, this leaves 24/30 bits of video data if CRC is/is not used (single mode), or 12/15 bits of video
data if CRC is/is not used (double mode).
Figure 15. 32-Bit Mode Serial-Data Format
32-BIT
MODE
PACKET
PARITY-
CHECK BIT
FCC
PCB
D0
D1
D24
D23
D29
D28
D27
SERIAL
DATA
NO PXL_CRC
RX/
SDA
TX/
SCL
UART/I2C
FORWARD CONTROL-
CHANNEL BIT
D0
D2
D29
D0
D2
D23
D29
D28
D27
D26
D25
2 BITS
24 VIDEO
BITS
D26
D25
30 BITS
30 VIDEO
BITS
D24
6
PXL_CRC
BITS
PXL_CRC ON
PXL_CRC
D0
D1
D29
30 VIDEO
BITS*
D0
D1
D14
D15
D16
D29
15 x 2
VIDEO
BITS*
D0
D1
D23
24 VIDEO
BITS*
D0
D1
D11
D12
D13
D23
12 x 2
VIDEO
BITS*
DBL = 0
DBL = 1
DBL = 0
DBL = 1
NO PXL_CRC, DBL = 0
43.5MHz MAX
NO PXL_CRC, DBL = 1
87MHz MAX
PXL_CRC ON, DBL = 0
43.5MHz MAX
PXL_CRC ON, DBL = 1
87MHz MAX
*INTERNAL BITS. INPUT/OUTPUT PIN AVAILABILITY MAY LIMIT THE EXTERNAL BUS WIDTH.
www.maximintegrated.com
Maxim Integrated │ 28
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com