Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer with Coax or STP Cable Input
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 25Page - Maxim Integrated Products MAX96708 Datasheet HTML 26Page - Maxim Integrated Products MAX96708 Datasheet HTML 27Page - Maxim Integrated Products MAX96708 Datasheet HTML 28Page - Maxim Integrated Products MAX96708 Datasheet HTML 29Page - Maxim Integrated Products MAX96708 Datasheet HTML 30Page - Maxim Integrated Products MAX96708 Datasheet HTML 31Page - Maxim Integrated Products MAX96708 Datasheet HTML 32Page - Maxim Integrated Products MAX96708 Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
Control Channel and Register Programming
The control channel sends I2C or UART information
across the serial link for control of the serializer, deserial-
izer, and any attached peripherals. The control channel
is multiplexed onto the serial link and is available with or
without the video channel.
Forward Control Channel
Control data sent from the serializer to the deserializer is
sent on the forward control channel. The data is encoded
as one of the serial bits in the forward high-speed link.
After deserialization, the forward control-channel data is
extracted from the serial link. The forward control-channel
bandwidth exceeds the maximum external control data
rate, and all data sent on the forward control channel
appears on the remote side after transmission delay of a
few bit times.
Reverse Control Channel
Control data sent from the deserializer to the serializer is
sent on the reverse control channel. The data is encoded
as a series of 1μs pulses, with a maximum raw data rate of
1Mbps. High-immunity mode is available to increase the
robustness of the reverse control channel at a reduced
raw bit rate of 500kbps (Table 1). In high-immunity mode,
set HPFTUNE = 00 in the deserializer when the serial bit
rate is larger than 1Gbps. Setting the REV_FAST bit =
1 increases this rate back to 1Mbps. In I2C mode, when
the input data rate (after encoding) exceeds the reverse
data rate, the input clock is held through clock stretching
to slow the external clock to match the internal bit rate.
UART Interface
The UART interface, compatible with all GMSL devices,
sends commands from device to device through several
UART packets. Set I2CSEL = 0 to set the device to use
UART protocol.
I2C Interface
The serial link connects the serializer and deserializer I2C
interfaces together through the control channel. When an
I2C master sends a command to one side of the link (local
side) the control channel forwards this information to and
from the other side of the link (remote side), allowing a
single microcontroller to configure the serializer,
deserializer, and peripherals. The microcontroller can be
located on the serializer side (display applications) and the
deserializer side (camera applications). Dual-μC opera-
tions are supported as long as a software-arbitration
method is used. The serial link assumes that only one
microcontroller is talking at any given time.
Remote-End Operation
When an I2C master initiates communication on the local
slave device (the serializer/deserializer directly connected
to the master), the remote-side device acts as a master
device that sends data forwarded from the local-side
device, and forwards any data received from peripher-
als attached to the remote-side device. This remote-side
master device operates according to the timing settings in
the I2C Master setting register. Set the master settings to
match the timing settings used by the external microcon-
troller.
Clock-Stretch Timing
The I2C interface uses clock stretching to allow time for
data to be forwarded across the serial link. The master
microcontroller, along with any attached peripherals, must
accept clock stretching of the GMSL devices.
GPO/GPI Control
GPO on the serializer follows GPI transitions on the
deserializer. This GPO/GPI function can be used to
transmit signals such as a frame sync in a surround-view
camera system (see the Providing a Frame Sync (Camera
Applications) section).
HIM PIN SETTING
REVFAST BIT
REVERSE CONTROL-
CHANNEL MODE
MAX UART/I2C BIT RATE
(kbps)
Low
X
Legacy reverse control-
channel mode (compatible with
all GMSL devices)
1000
High
0
High-immunity mode
500
1
Fast high-immunity mode
(requires serial-data rate >
1.25Gbps)
1000
Table 1. Reverse Control-Channel Modes
X = Don’t care.
www.maximintegrated.com
Maxim Integrated │ 29
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com