Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 66 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer with Coax or STP Cable Input
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 66 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 60Page - Maxim Integrated Products MAX96708 Datasheet HTML 61Page - Maxim Integrated Products MAX96708 Datasheet HTML 62Page - Maxim Integrated Products MAX96708 Datasheet HTML 63Page - Maxim Integrated Products MAX96708 Datasheet HTML 64Page - Maxim Integrated Products MAX96708 Datasheet HTML 65Page - Maxim Integrated Products MAX96708 Datasheet HTML 66Page - Maxim Integrated Products MAX96708 Datasheet HTML 67Page - Maxim Integrated Products MAX96708 Datasheet HTML 68Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 66 / 68 page
background image
PRBS
The serializer includes a PRBS pattern generator that
works with bit-error verification in the deserializer. To
run the PRBS test, set PRBSEN = 1 (0x04, D5) in the
deserializer, then in the serializer. To exit the PRBS
test, set PRBSEN = 0 (0x04, D5) in the serializer. The
deserializerautomaticallyendsPRBScheckingandsetsthe
PRBS_OK bit high. Note that during PRBS mode, the
remote control channel is not available except to exit
PRBS mode if I2C_LOC_ACK = 1; otherwise, the remote
control channel is not available at all.
To run the PRBS with a 3Gbps SerDes, first set the
PRBS_TYPE bit = 0 in the MAX967XX. Then set PRBSEN
= 1 (0x04, D5) in the serializer, then in the deserializer. To
exit the PRBS test, set PRBSEN = 0 (0x04, D5) in the
deserializer, then in the serializer.
During PRBS test, ERRB function changes to reflect
PRBS errors only. ERRB goes low when any PRBS errors
occur. ERRB goes high when the PRBS error counter is
reset when PRBS_ERR is read. Normal ERRB function
resumes when exiting the PRBS test.
GPI/GPO
GPO on the serializer follows GPI transitions on the
deserializer. By default, the GPI-to-GPO delay is 0.35ms
(max). Keep the time between GPI transitions to a
minimum 0.35ms. GPI_IN the deserializer stores the GPI
input state. GPO is low after power-up. The µC can set
GPO by writing to the SET_GPO register bit. Do not send
a logic-low value on the deserializer RX/SDA input (UART
mode) longer than 100µs in either base or bypass mode
to ensure proper GPO/GPI functionality.
Fast Detection of Loss-of-Lock
A measure of link quality is the recovery time from loss of
synchronization. The host can be quickly notified of loss-
of-lock by connecting the deserializer’s LOCK output to
the GPI input. If other sources use the GPI input, such as
a touch-screen controller, the μC can implement a routine
to distinguish between interrupts from loss-of-sync and
normal interrupts. Reverse control-channel communica-
tion does not require an active forward link to operate
and accurately tracks the LOCK status of the GMSL link.
LOCK asserts for video link only and not for the configura-
tion link.
Providing a Frame Sync (Camera Applications)
The GPI and GPO provide a simple solution for camera
applications that require a frame sync signal from the
ECU (e.g., surround-view systems). Connect the ECU
frame sync signal to the GPI input and connect the GPO
output to the camera-frame sync input. GPI/GPO have
a typical delay of 275μs. Skew between multiple GPI/
GPO channels is 115μs (max). If a lower-skew signal is
required, connect the camera’s frame-sync input to one
of the serializer’s GPIOs and use an I2C broadcast write
command to change the GPIO output state. This has a
maximum skew of 1.5µs, independent from the used I2C
bit rate.
Entering/Exiting Sleep Mode
The procedure for entering and exiting sleep mode depends
on the location of the microcontroller, and the type of
control-channel interface used. If wake-up from a remote-
side (serializer-side) microcontroller is not needed or
desired, set the DIS_RWAKE bit = 1 to shut down remote
wake-up for further power savings.
When the microcontroller is on the deserializer side, first
put the serializer to sleep, or disable serialization. Next, set
SLEEP = 1 in deserializer. The device sleeps after 8ms.
To wake up the device, send an arbitrary control-channel
command to the deserializer (the device will not send an
acknowledge), wait for 5ms for the chip to power up and
then set SLEEP = 0 to make the wake-up permanent.
When µC is on the serializer side, set SLEEP = 1 in
deserializer. Next, disable serialization. The device sleeps
after 8ms. To wake up the deserializer, reenable serializa-
tion. The deserializer wakes up and clears its SLEEP bit
when it locks to the serializer.
VENDOR
CONNECTOR
CABLE
TYPE
Rosenberger
59S2AX-400A5-Y
Dacar 302
Coax
Rosenberger
D4S10A-40ML5-Z
Dacar 535-2
STP
Nissei
GT11L-2S
F-2WME AWG28
STP
JAE
MX38-FF
A-BW-Lxxxxx
STP
Table 11. Suggested Connectors and Cables for GMSL
www.maximintegrated.com
Maxim Integrated │ 66
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com