Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer with Coax or STP Cable Input
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 4Page - Maxim Integrated Products MAX96708 Datasheet HTML 5Page - Maxim Integrated Products MAX96708 Datasheet HTML 6Page - Maxim Integrated Products MAX96708 Datasheet HTML 7Page - Maxim Integrated Products MAX96708 Datasheet HTML 8Page - Maxim Integrated Products MAX96708 Datasheet HTML 9Page - Maxim Integrated Products MAX96708 Datasheet HTML 10Page - Maxim Integrated Products MAX96708 Datasheet HTML 11Page - Maxim Integrated Products MAX96708 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
(VDVDD = VAVDD = 1.7 to 1.9V, VIOVDD = 1.7V to 3.6V, RL = 100Ω ±1% (differential), EP connected to PCB ground, TA = -40°C to
+115°C, Typical values are at, VDVDD = VAVDD = VIOVDD = 1.8V, TA = +25°C, unless otherwise noted.) (Note 1)
DC Electrical Characteristics
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SINGLE-ENDED INPUTS (GPI, CXTP, I2CSEL, ADD_, HIM, PWDNB, MS)
High-Level Input Voltage
VIH1
0.65 x
VIOVDD
V
Low-Level Input Voltage
VIL1
0.35 x
VIOVDD
V
Input Current
IIN1
VIN = 0 to VIOVDD
-20
20
μA
SINGLE-ENDED OUTPUTS (DOUT_, VS, HS, DE, PCLKOUT)
High-Level
Output Voltage
VOH1
IOH = -2mA, DCS = 0
VIOVDD
- 0.3
V
IOH = -2mA, DCS = 1
VIOVDD
- 0.2
Low-Level
Output Voltage
VOL1
IOL = 2mA, DCS = 0
0.3
V
IOL = 2mA, DCS = 1
0.2
High-Impedance
Output Current
IOZ
OUTENB = 1, VOUT = 0V or VIOVDD
-20
20
μA
Output Short-Circuit Current
IOS
DOUT_, VO = 0V, DCS = 0,
VIOVDD = 3.0V to 3.6V
15
25
39
mA
DOUT_, VO = 0V, DCS = 0,
VIOVDD = 1.7V to 1.9V
3
7
13
DOUT_, VO = 0V, DCS = 1,
VIOVDD = 3.0V to 3.6V
20
35
63
DOUT_, VO = 0V, DCS = 1,
VIOVDD = 1.7V to 1.9V
5
10
21
PCLKOUT_, VO = 0V, DCS = 0,
VIOVDD = 3.0V to 3.6V
15
33
50
PCLKOUT_, VO = 0V, DCS = 0,
VIOVDD = 1.7V to 1.9V
5
10
17
PCLKOUT_, VO = 0V, DCS = 1,
VIOVDD = 3.0V to 3.6V
30
54
97
PCLKOUT_, VO = 0V, DCS = 1,
VIOVDD = 1.7V to 1.9V
9
16
32
www.maximintegrated.com
Maxim Integrated │ 8
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com