Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 45 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer with Coax or STP Cable Input
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 45 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 41Page - Maxim Integrated Products MAX96708 Datasheet HTML 42Page - Maxim Integrated Products MAX96708 Datasheet HTML 43Page - Maxim Integrated Products MAX96708 Datasheet HTML 44Page - Maxim Integrated Products MAX96708 Datasheet HTML 45Page - Maxim Integrated Products MAX96708 Datasheet HTML 46Page - Maxim Integrated Products MAX96708 Datasheet HTML 47Page - Maxim Integrated Products MAX96708 Datasheet HTML 48Page - Maxim Integrated Products MAX96708 Datasheet HTML 49Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
prbs_err (0x16)
BIT
7
6
5
4
3
2
1
0
Field
PRBS_ERR[7:0]
Reset
XXXXXXXXb
Access Type
Read Only
BITFIELD
BITS
DESCRIPTION
DECODE
PRBS_ERR
7:0
PRBS Error Counter
00000000: Value is 0
00000001: Value is 1
XXXXXXXX
11111111: Value is 255
lf (0x17)
BIT
7
6
5
4
3
2
1
0
Field
RSVD
RSVD
PRBS_OK
GPI_IN
LF_NEG[1:0]
LF_POS[1:0]
Reset
Xb
Xb
Xb
Xb
XXb
XXb
Access Type
Read Only
Read Clears
All
Read Only
Read Only
Read Only
Read Only
BITFIELD
BITS
DESCRIPTION
DECODE
RSVD
7
Reserved: Do not change from default value
X: Reserved
RSVD
6
Reserved:
X: Reserved
PRBS_OK
5
PRBS OK: MAX9271/MAX9273-compatible PRBS
test for link is terminated normally; check PRBS_ERR
register for the PRBS success; for other SerDes read
PRBS_ERR registers
0: No MAX9271/MAX9273-compatible PRBS
test completed
1: MAX9271/MAX9273-compatible PRBS test
completed normally
GPI_IN
4
GPI Pin Level
0: GPI is input low
1: GPI is input high
LF_NEG
3:2
Line Fault: Line-fault status of the indicated input
LF_POS → LMN0
LF_NEG → LMN1
00: Short to battery detected
01: Short to ground detected
10: No faults detected
11: Open cable detected
LF_POS
1:0
Line Fault: Line-fault status of the indicated input
LF_POS → LMN0
LF_NEG → LMN1
00: Short to battery detected
01: Short to ground detected
10: No faults detected
11: Open cable detected
www.maximintegrated.com
Maxim Integrated │ 45
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com