Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer with Coax or STP Cable Input
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 5Page - Maxim Integrated Products MAX96708 Datasheet HTML 6Page - Maxim Integrated Products MAX96708 Datasheet HTML 7Page - Maxim Integrated Products MAX96708 Datasheet HTML 8Page - Maxim Integrated Products MAX96708 Datasheet HTML 9Page - Maxim Integrated Products MAX96708 Datasheet HTML 10Page - Maxim Integrated Products MAX96708 Datasheet HTML 11Page - Maxim Integrated Products MAX96708 Datasheet HTML 12Page - Maxim Integrated Products MAX96708 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
(VDVDD = VAVDD = 1.7 to 1.9V, VIOVDD = 1.7V to 3.6V, RL = 100Ω ±1% (differential), EP connected to PCB ground, TA = -40°C to
+115°C, Typical values are at, VDVDD = VAVDD = VIOVDD = 1.8V, TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
UART/I2C and GENERAL-PURPOSE I/Os (RX/SDA, TX/SCL, GPIO_, ERRB, LOCK, LFLTB) with OPEN-DRAIN OUTPUTS
High-Level Input Voltage
VIH2
0.7 x
VIOVDD
V
Low-Level Input Voltage
VIL2
0.3 x
VIOVDD
V
Input Current
IIN2
VIN = 0 to VIOVDD (Note 2), RX/SDA,
TX/SCL
-110
5
μA
IIN
VIN = 0 to VIOVDD (Note 2), GPIO_,
ERRB, LOCK
-80
5
Low-Level Open-Drain Output
Voltage
VOL
IOL = 3mA, VIOVDD = 1.7V to 1.9V
0.4
V
IOL = 3mA, VIOVDD = 3.0V to 3.6V
0.3
Input Capacitance
CIN
Each pin (Note 3)
10
pF
OUTPUTS FOR REVERSE CONTROL CHANNEL (IN0+, IN0-, IN1+, IN1-)
Differential High-Output Peak
Voltage (VIN+ - VIN-)
VRODH
Forward channel disabled,
normal-immunity mode (Figure 1)
30
60
mV
Forward channel disabled, high-immunity
mode (Figure 1)
50
100
Differential Low-Output Peak
Voltage (VIN+ - VIN-)
VRODL
Forward channel disabled,
normal-immunity mode (Figure 1)
-60
-30
mV
Forward channel disabled, high-immunity
mode (Figure 1)
-100
-50
Single-Ended High-Output
Peak Voltage
VROSH
Forward channel disabled,
normal-immunity mode (Figure 1)
30
60
mV
Forward channel disabled, high-immunity
mode (Figure 1)
50
100
Single-Ended Low-Output
Peak Voltage
VROSL
Forward channel disabled,
normal-immunity mode (Figure 1)
-60
-30
mV
Forward channel disabled, high-immunity
mode (Figure 1)
-100
-50
DC Electrical Characteristics (continued)
www.maximintegrated.com
Maxim Integrated │ 9
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com